Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS540NE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS540NE4
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS540NE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS540NE4 Datasheet HTML 1Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 2Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 3Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 4Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 5Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 6Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 7Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 8Page - Texas Instruments SN74ALS540NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54ALS541, SN74ALS540, SN74ALS541
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SDAS025D – APRIL 1982 – REVISED MARCH 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN74ALS540N
SN74ALS540N
PDIP
N
Tube
SN74ALS540-1N
SN74ALS540-1N
PDIP – N
Tube
SN74ALS541N
SN74ALS541N
SN74ALS541-1N
SN74ALS541-1N
Tube
SN74ALS540DW
ALS540
Tape and reel
SN74ALS540DWR
ALS540
Tube
SN74ALS540-1DW
ALS540-1
SOIC – DW
Tube
SN74ALS541DW
ALS541
0
°C to 70°C
Tape and reel
SN74ALS541DWR
ALS541
Tube
SN74ALS541-1DW
ALS541 1
Tape and reel
SN74ALS541-1DWR
ALS541-1
Tape and reel
SN74ALS540NSR
ALS540
SOP
NS
SN74ALS540-1NSR
ALS540-1
SOP – NS
Tape and reel
SN74ALS541NSR
ALS541
SN74ALS541-1NSR
ALS541-1
SSOP
DB
Tape and reel
SN74ALS541DBR
G541
SSOP – DB
Tape and reel
SN74ALS541-1DBR
G541-1
55
°Cto125°C
CDIP – J
Tube
SNJ54ALS541J
SNJ54ALS541J
–55
°C to 125°C
LCCC – FK
Tube
SNJ54ALS541FK
SNJ54ALS541FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
logic diagrams (positive logic)
19
2
1
18
OE1
OE2
A1
Y1
To Seven Other Channels
SN74ALS540
′ALS541
19
2
1
18
OE1
OE2
A1
Y1
To Seven Other Channels


Similar Part No. - SN74ALS540NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS540NE4 TI-SN74ALS540NE4 Datasheet
512Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS540NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com