Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7339 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM7339
Description  SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7339 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM7339 Datasheet HTML 4Page - PMC-Sierra, Inc PM7339 Datasheet HTML 5Page - PMC-Sierra, Inc PM7339 Datasheet HTML 6Page - PMC-Sierra, Inc PM7339 Datasheet HTML 7Page - PMC-Sierra, Inc PM7339 Datasheet HTML 8Page - PMC-Sierra, Inc PM7339 Datasheet HTML 9Page - PMC-Sierra, Inc PM7339 Datasheet HTML 10Page - PMC-Sierra, Inc PM7339 Datasheet HTML 11Page - PMC-Sierra, Inc PM7339 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
RELEASED
PM7339 S/UNI-CDB
DATASHEET
PMC-2000313
ISSUE 2
SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 6
1
FEATURES
• Quad cell delineation device operating up to a maximum rate of 52 Mbit/s.
• Provides a UTOPIA Level 2 compatible ATM-PHY Interface.
• Implements the Physical Layer Convergence Protocol (PLCP) for DS1
transmission systems according to the ATM Forum User Network Interface
Specification and ANSI TA-TSY-000773, TA-TSY-000772, and
E1transmission systems according to the ETSI 300-269 and ETSI 300-270.
• Uses the PMC-Sierra PM4341 T1XC, PM4344 TQUAD, PM6341 E1XC, and
PM6344 EQUAD T1 and E1 framer/line interface chips for DS1 and E1
applications.
• Provides programmable pseudo-random test pattern generation, detection,
and analysis features.
• Provides integral transmit and receive HDLC controllers with 128-byte FIFO
depths.
• Provides performance monitoring counters suitable for accumulation periods
of up to 1 second.
• Provides an 8-bit microprocessor interface for configuration, control and
status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
• Low power 3.3V CMOS technology with 5V tolerant inputs.
• Available in a high density 256-pin SBGA package (27mm x 27mm).
The receiver section:
• Provides PLCP frame synchronization, path overhead extraction, and cell
extraction for DS1 PLCP and E1 PLCP formatted streams.
• Provides a 50 MHz 8-bit wide or 16-bit wide Utopia FIFO buffer in the receive
path with parity support, and multi-PHY (Level 2) control signals.


Similar Part No. - PM7339

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7339 PMC-PM7339 Datasheet
45Kb / 4P
   Quad Cell Delineation Block Device
PM7339 PMC-PM7339 Datasheet
35Kb / 2P
   Quad Cell Delineation Block Device
PM7339-1 PMC-PM7339-1 Datasheet
35Kb / 2P
   Quad Cell Delineation Block Device
More results

Similar Description - PM7339

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
   SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
   DUAL SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
   SATURN USER NETWORK INTERFACE PLUS
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
   SATURN USER NETWORK INTERFACE (155-QUAD)
PM5357 PMC-PM5357 Datasheet
2Mb / 432P
   SATURN USER NETWORK INTERFACE (622-POS)
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
   SATURN USER NETWORK INTERFACE (155-TETRA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com