Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104N-ZSP25XIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY14B104N-ZSP25XIT
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104N-ZSP25XIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY14B104N-ZSP25XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B104N-ZSP25XIT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY14B104L/CY14B104N
PRELIMINARY
Document #: 001-07102 Rev. *E
Page 6 of 21
Preventing AutoStore
The AutoStore function can be disabled by initiating an
AutoStore disable sequence. A sequence of read operations
is performed in a manner similar to the software STORE
initiation. To initiate the AutoStore disable sequence, the
following sequence of CE controlled read operations must be
performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x8B45 AutoStore Disable
The AutoStore can be re-enabled by initiating an AutoStore
enable sequence. A sequence of read operations is performed
in a manner similar to the software RECALL initiation. To
initiate the AutoStore enable sequence, the following
sequence of CE controlled read operations must be
performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or re-enabled a manual
STORE operation (hardware or software) must be issued to
save the AutoStore state through subsequent power down
cycles. The part comes from the factory with AutoStore
enabled.
Table 1. Mode Selection
CE
WE
OE
A15 - A0
Mode
IO
Power
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore
Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore
Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
[2,3,4]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
ICC2
[2,3,4]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
[2,3,4]
Notes
2. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile cycle.
3. While there are 19 address lines on the CY14B104L/CY14B104N, only the lower 16 lines are used to control software modes.
4. IO state depends on the state of OE. The IO table shown assumes OE LOW.
[2,3,4]
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104N-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104N-ZSP25XIT CYPRESS-CY14B104N-ZSP25XIT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-ZSP25XIT CYPRESS-CY14B104N-ZSP25XIT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104N-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com