Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22394FXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY22394FXIT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22394FXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY22394FXIT Datasheet HTML 7Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 8Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 9Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 10Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 11Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 12Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 13Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 14Page - Cypress Semiconductor CY22394FXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 11 of 17
CY22393
Serial Programming Interface Timing
Figure 4. Start and Stop Frame
Figure 5. Frame Format (Device Address, R/W, Register Address, Register Data)
Absolute Maximum Conditions
Supply Voltage ............................................... –0.5V to +7.0V
DC Input Voltage ............................ –0.5V to + (AVDD + 0.5V)
Storage Temperature .................................. –65°C to +125°C
Junction Temperature .................................................. 125°C
Data Retention @ Tj=125×C................................. > 10 years
Maximum Programming Cycles ....................................... 100
Package Power Dissipation ......................................350 mW
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ........................... > 2000V
Latch up (per JEDEC 17) .................................... > ±200 mA
Stresses exceeding Absolute Maximum Conditions may
cause permanent damage to the device. These conditions are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated in the
operation sections of this data sheet is not implied. Extended
exposure to Absolute Maximum Conditions may affect
reliability.
Serial Programming Interface Timing Specifications
Parameter
Description
Min
Max
Unit
fSCLK
Frequency of SCLK
400
kHz
Start mode time from SDA LOW to SCL LOW
0.6
μs
CLKLOW
SCLK LOW period
1.3
μs
CLKHIGH
SCLK HIGH period
0.6
μs
tSU
Data transition to SCLK HIGH
100
ns
tDH
Data hold (SCLK LOW to data transition)
0
ns
Rise time of SCLK and SDAT
300
ns
Fall time of SCLK and SDAT
300
ns
Stop mode time from SCLK HIGH to SDAT HIGH
0.6
μs
Stop mode to Start mode
1.3
μs
SDAT
SCLK
START
Transition
to next Bit
STOP
SDAT
SCLK
DA6
DA5 DA0
R/W
ACK
RA7
RA6 RA1
RA0
ACK
STOP
START
ACK
D7
D6
D1
D0
++
+
+
+
+
[+] Feedback
[+] Feedback


Similar Part No. - CY22394FXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22394FXIT CYPRESS-CY22394FXIT Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22394FXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com