Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25403FSXIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25403FSXIT
Description  Three PLL Programmable Clock Generator with Spread Spectrum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25403FSXIT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY25403FSXIT Datasheet HTML 1Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 2Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 3Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 4Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 5Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 6Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 7Page - Cypress Semiconductor CY25403FSXIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PRELIMINARY
CY25403
CY25423
Document #: 001-12564 Rev. *A
Page 6 of 8
Ordering Information
Part Number[2]
Type
VDD(V)
Temperature Range
Lead-free
CY25403SXC-xxx
8-pin SOIC
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25403SXC-xxxT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25403FSXC
8-pin SOIC
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25403FSXCT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25423SXC-xxx
8-pin SOIC
1.8
Commercial, 0°C to 70°C
CY25423SXC-xxxT
8-pin SOIC-Tape & Reel
1.8
Commercial, 0°C to 70°C
CY25423FSXC
8-pin SOIC
1.8
Commercial, 0°C to 70°C
CY25423FSXCT
8-pin SOIC-Tape & Reel
1.8
Commercial, 0°C to 70°C
CY25403SXI-xxx
8-pin SOIC
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25403SXI-xxxT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25403FSXI
8-pin SOIC
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25403FSXIT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25423SXI-xxx
8-pin SOIC
1.8
Industrial, -40°C to +85°C
CY25423SXI-xxxT
8-pin SOIC-Tape & Reel
1.8
Industrial, -40°C to +85°C
CY25423FSXI
8-pin SOIC
1.8
Industrial, -40°C to +85°C
CY25423FSXIT
8-pin SOIC-Tape & Reel
1.8
Industrial, -40°C to +85°C
Note
2. xxx Indicates Factory Programmable are factory programmed configurations. For more details, contact your local Cypress FAE or Cypress Sales Representative.
F in the part number indicates field programmable using CyberClocks Online software.
[+] Feedback
[+] Feedback


Similar Part No. - CY25403FSXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXC CYPRESS-CY25403SXC Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXCT CYPRESS-CY25403SXCT Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXI CYPRESS-CY25403SXI Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXIT CYPRESS-CY25403SXIT Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25403FSXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com