Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25422FSXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25422FSXI
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25422FSXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25422FSXI Datasheet HTML 1Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 2Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 3Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 4Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 5Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 6Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 7Page - Cypress Semiconductor CY25422FSXI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRELIMINARY
CY25402
CY25422
Document #: 001-12565 Rev. *A
Page 4 of 8
AC Electrical Specifications
Parameter
Description
Conditions
Min.
Typ. Max. Unit
FIN (crystal)
Crystal Frequency
8
48
MHz
FIN (clock)
Input Clock Frequency (XIN)
8
166
MHz
FOUT
Output Clock Frequency
3
166
MHz
DC
Output Duty Cycle All Clocks except Ref Out Duty Cycle is defined in Figure 2; t1/t2,
50% of VDD
45
50
55
%
DC
Ref Out Duty Cycle
Ref In Min 45%, Max 55%
40
60
%
ER
CLK1-3 Rising Edge Rate
VDD = All, 20% to 80% VDD
0.8
V/ns
EF
CLK1-3 Falling Edge Rate
VDD = All, 20% to 80% VDD
0.8
V/ns
TCCJ1
Cycle-to-cycle Jitter
Configuration dependent. See Table 2
–-
ps
TLTJ
Long Term Jitter
Configuration dependent. See Table 2
–-
ns
T10
PLL Lock Time
3
ms
Table 2. Configuration Example for Jitter
Reference
Description
Max Jitter (ps) on
Output 1(48MHz)
Max Jitter (ps) on Output 2
(27 MHz)
Max Jitter (ps) on
Output 3 (166 MHz)
27MHz
TCCJ1
155
255
170
27MHz
TLTJ
770
580
630
48 MHz
TCCJ1
135
225
100
48 MHz
TLTJ
535
575
520
Recommended Crystal Specification for SMD Package
Parameter
Description
Range 1 Range 2 Range 3
Unit
Fmin
Minimum Frequency
8
14
28
MHz
Fmax
Maximum Frequency
14
28
48
MHz
R1(max)
Maximum Motional Resistance (ESR)
135
50
30
Ω
C0(max)
Maximum Shunt Capacitance
4
4
2
pF
CL(max)
Maximum Parallel Load Capacitance
18
14
12
pF
DL(max)
Maximum Crystal Drive Level
300
300
300
μW
Recommended Crystal Specification for Thru-Hole Package
Parameter
Description
Range 1 Range 2 Range 3
Unit
Fmin
Minimum Frequency
8
14
24
MHz
Fmax
Maximum Frequency
14
24
32
MHz
R1(max)
Maximum Motional Resistance (ESR)
90
50
30
Ω
C0(max)
Maximum Shunt Capacitance
7
7
7
pF
CL(max)
Maximum Parallel Load Capacitance
18
12
12
pF
DL(max)
Maximum Crystal Drive Level
1000
1000
1000
μW
[+] Feedback
[+] Feedback


Similar Part No. - CY25422FSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25422FSXI CYPRESS-CY25422FSXI Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25422FSXIT CYPRESS-CY25422FSXIT Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25422FSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com