Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1070 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1070
Description  Monolithic Linear IC On-Glass Antenna Amplifier AGC IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1070 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1070 Datasheet HTML 1Page - Sanyo Semicon Device LA1070 Datasheet HTML 2Page - Sanyo Semicon Device LA1070 Datasheet HTML 3Page - Sanyo Semicon Device LA1070 Datasheet HTML 4Page - Sanyo Semicon Device LA1070 Datasheet HTML 5Page - Sanyo Semicon Device LA1070 Datasheet HTML 6Page - Sanyo Semicon Device LA1070 Datasheet HTML 7Page - Sanyo Semicon Device LA1070 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA1070
No.A0715-5/6
Pin Functions and bias voltage (Ta = 25
°C)
PIN
No.
Pin
Description
Pin bias voltage
Note
1
VCC1
Power supply for circuits other than the DRV circuit
8.00
2
DET1_IN_A
Detection circuit 1 input
1.85
3
AMP_IN2_A
Differential amplifier single-sided input
1.87
4
AMP_IN1_A
Differential amplifier single-sided input
1.87
5
AMP_GND_A
RF circuit dedicated ground
0
6
AMP_OUT_A
Differential amplifier output
6.62
7
DET2_IN_A
Detection circuit 2 input
1.85
8
FF_OUT_A
Hold circuit and time constant circuit output
0
9
VREF_OUT_A
Comparator reference voltage output
2.39
10
FM_BIAS_A
Temperature fluctuation type bias circuit output
2.79
11
THERMAL_OUT
Temperature detection circuit output
7.97
12
DRV1_OUT_A
DRV circuit output (low-level output with no input)
0
When set, Low
→ High
13
DRV2_OUT_A
DRV circuit output (high-level output with no input)
10.30
When set, High
→ Low
14
VCC2
DRV circuit power supply
12.00
15
GND2
DRV circuit ground
0
16
DRV2_OUT_B
DRV circuit output (high-level output with no input)
10.30
When set, High
→ Low
17
DRV1_OUT_B
DRV circuit output (low-level output with no input)
0
When set, Low
→ High
18
VREG49
Internal power supply circuit. 4.9V output
4.92
19
FM_BIAS_B
Temperature fluctuation type bias circuit output
2.78
20
VREF_OUT_B
Comparator reference voltage output
2.39
21
FF_OUT_B
Hold circuit and time constant circuit output
0
22
DET2_IN_B
Detection circuit 2 input
1.85
23
AMP_OUT_B
Differential amplifier output
6.61
24
AMP_GND_B
RF circuit dedicated ground
0
25
AMP_IN1_B
Differential amplifier single-sided input
1.87
26
AMP_IN2_B
Differential amplifier single-sided input
1.87
27
DET1_IN_B
Detection circuit 1 input
1.85
28
GND1
Ground for circuits other than the DRV circuit
0


Similar Part No. - LA1070

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LA10-08-000A SENSATA-LA10-08-000A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA10-12-027A SENSATA-LA10-12-027A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
LEM
LA10-PB LEM-LA10-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
LA10-PB LEM-LA10-PB Datasheet
183Kb / 3P
   Current Transducer
logo
Sensata Technologies, I...
LA100-93-001A-50I SENSATA-LA100-93-001A-50I Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
More results

Similar Description - LA1070

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com