Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22800-030A Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY22800-030A
Description  Universal Programmable Clock Generator (UPCG)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-030A Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY22800-030A Datasheet HTML 1Page - Cypress Semiconductor CY22800-030A Datasheet HTML 2Page - Cypress Semiconductor CY22800-030A Datasheet HTML 3Page - Cypress Semiconductor CY22800-030A Datasheet HTML 4Page - Cypress Semiconductor CY22800-030A Datasheet HTML 5Page - Cypress Semiconductor CY22800-030A Datasheet HTML 6Page - Cypress Semiconductor CY22800-030A Datasheet HTML 7Page - Cypress Semiconductor CY22800-030A Datasheet HTML 8Page - Cypress Semiconductor CY22800-030A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 3 of 10
CY22800-009A Clock multiplier for consumer & communication applications
20[2]
CLKA: 33.33, 66.66, 50, 75, 80, 100, 133.33
See D/S
NN
CY22800-010A Clock multiplier for consumer & communication applications
20[2]
CLKA: 12, 24, 48, 60, 62.5, 106.25, 125
See D/S
NN
CY22800-011A Clock multiplier for consumer & communication applications
25[2]
CLKA: 33.33, 66.66, 50, 75, 80, 100, 133.33
See D/S
NN
CY22800-012A Clock multiplier for consumer & communication applications
25[2]
CLKA: 12, 24, 48, 60, 62.5, 106.25, 125
See D/S
NN
CY22800-013A Clock multiplier for consumer & communication applications
27[2]
CLKA: 33.33, 66.66, 50, 75, 80, 100, 133.33
See D/S
NN
CY22800-014A Clock multiplier for consumer & communication applications
27[2]
CLKA: 12, 24, 48, 60, 62.5, 106.25, 125
See D/S
NN
CY22800-015A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.0
CLKA: REF (spread ±0.25% or off)
CLKB: REF or REF/2 (spread ±0.25% or off)
YN
CY22800-016A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.1
CLKA: REF (spread ±0.5% or off)
CLKB: REF or REF/2 (spread ±0.5% or off)
YN
CY22800-017A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.0
CLKA: REF (spread ±0.75% or off)
CLKB: REF or REF/2 (spread ±0.75% or off)
YN
CY22800-018A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.3
CLKA: REF (spread ±1.0% or off)
CLKB: REF or REF/2 (spread ±1.0% or off)
YN
CY22800-019A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.0
CLKA: REF (spread ±1.25% or off)
CLKB: REF or REF/2 (spread ±1.25% or off)
YN
CY22800-020A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.0
CLKA: REF (spread ±1.5% or off)
CLKB: REF or REF/2 (spread ±1.5% or off)
YN
CY22800-021A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.1
CLKA: REF (spread ±1.75% or off)
CLKB: REF or REF/2 (spread ±1.75% or off)
YN
CY22800-022A Spread spectrum for consumer and communication applications CLKIN: 25.0–100.0
XTAL: 25.0–30.0
CLKA: REF (spread ±2.0% or off)
CLKB: REF or REF/2 (spread ±2.0% or off)
YN
CY22800-023A MPEG-2 clock generator for DTV and STB w/ VCXO
XTAL: 13.5
CLKA: 27
CLKB: 54
CLKC: 27
NY
CY22800-024A MPEG-2 clock generator for DTV and STB w/ VCXO
XTAL: 13.5
CLKA:13.5
CLKB: 54
CLKC: 27
NY
CY22800-025A MPEG-2 clock generator for DTV and STB w/ VCXO
XTAL: 13.5/27.0
(Selectable)
CLKB: 27, 27
N
Y
CY22800-026A MPEG-2 clock generator for DTV and STB w/ VCXO
XTAL: 13.5/27.0
(Selectable)
CLKB: 27, 27
CLKC: 27, 27
NY
CY22800-027A MPEG-2 clock generator for DTV and STB w/ VCXO
XTAL: 27
CLKB: 27, 27
CLKC: 27, 27.027 (–1 ppm)
NY
CY22800-028A MPEG-2 clock generator for DTV and STB w/ VCXO
XTAL: 27
CLKB: 27, 27
CLKC: 27, 27.027 (0 ppm)
NY
CY22800-029A HDTV, STB clock generator (USB/Ethernet/iLink clock)
XTAL/CLKIN: 27
CLKA: 24.576, 25, 20, 48
CLKB: 27
NN
CY22800-030A HDTV, STB clock generator
(Ethernet/PCI/Microprocessor clock)
XTAL/CLKIN: 27
CLKA: 25, 20
CLKB: 27
CLKC 33.33, 66.66
NN
CY22800-031A HDTV, STB clock generator (PCI/Microprocessor clock)
XTAL/CLKIN: 48
CLKA: 33.33, 66.66, 100, 133.33
CLKB: 48
NN
CY22800-032A HDTV, STB clock generator (pixel clocks)
XTAL/CLKIN: 27
CLKA: 74.25, 74.175824, 148.5, 148.351648
CLKB: 27
NN
CY22800-033A Audio clock generator for HDTV & STB (256fs)
XTAL/CLKIN: 27
CLKA: (32K, 44.1K, 48K) X 256
CLKB: 27
NN
CY22800-034A Audio clock generator for HDTV & STB (384fs)
XTAL/CLKIN: 27
CLKA: (32K, 44.1K, 48K) X 384
CLKB: 27
NN
CY22800-035A Audio clock generator for HDTV & STB (512fs)
XTAL/CLKIN: 27
CLKA: (32K, 44.1K, 48K) X 512
CLKB: 27
NN
CY22800-036A Audio clock generator for HDTV & STB (768fs)
XTAL/CLKIN: 27
CLKA: (32K, 44.1K, 48K) X 768
CLKB: 27
NN
CY22800-037A Spread spectrum clock generator for PCI and ASIC
XTAL/CLKIN:
14.31818
CLKA: 33.33, 66.66, 100, 133.33
(–0.5% or off)
YN
CY22800-038A Spread spectrum clock generator for PCI and ASIC
XTAL/CLKIN:
14.31818
CLKA: 33.33, 66.66, 100, 133.33
(–1.0% or off)
YN
Table 1. CY22800 Configurations (continued)
Code #
Code name
Input Freq. (MHz)
Output Freq. (MHz)
SS
VCXO
[+] Feedback
[+] Feedback


Similar Part No. - CY22800-030A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800FXC CYPRESS-CY22800FXC Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22800-030A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com