Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNR2-T238 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # FNR2-T238
Description  High Stability Extremely Low Ohm Rating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FNR2-T238 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  FNR2-T238 Datasheet HTML 1Page - Willow Technologies Ltd FNR2-T238 Datasheet HTML 2Page - Willow Technologies Ltd FNR2-T238 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
20
40
60
80
100
120
25
50
85
100
115
130
Tem perature of the backplate (°C)
-6000
-4000
-2000
0
2000
4000
6000
Tem perature (°C)
-40
-20
0
20
40
60
80
100
120
140
- 15 ppm/K
+ 15 ppm/K
Nom inal dR/R
Limit 2 (3
σ)
Limit 1 (3
σ)
+ 50 ppm/K
- 50 ppm/K
FHR FNR 2-T238 4-T238
TEMPERATURE COEFFICIENT
(FHR/FNR and FHN/FNN 2-T238)
DERATING CURVE
DIMENSIONS
* screw terminal M4
Standard: Pin G (width= 6.35) leads curved
Dimensions in mm
0
50
100
150
200
250
300
2
5
10
20
50
100
Resistance Value (m Ohm )
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - FNR2-T238

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FNR2-T227 RIEDON-FNR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
FNR2-T227 RIEDON-FNR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2-T227 RIEDON-FNR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2-T227 RIEDON-FNR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2-T227 RIEDON-FNR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
More results

Similar Description - FNR2-T238

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPR4-2321 WILLOW-FPR4-2321 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR2-1617 WILLOW-FPR2-1617 Datasheet
229Kb / 2P
   High Stability Extremly Low-Ohm
FPR2-T218 WILLOW-FPR2-T218 Datasheet
291Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-14 WILLOW-FPR4-14 Datasheet
101Kb / 2P
   Highest Stability Extremly Low-Ohm
FHR2-120120 WILLOW-FHR2-120120 Datasheet
739Kb / 3P
   High Stability Power Rating from to 1000A
FHR4-8065 WILLOW-FHR4-8065 Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
logo
Epson Company
TG2016SAN EPSON-TG2016SAN Datasheet
378Kb / 2P
   LOW VOLTAGE HIGH STABILITY
logo
List of Unclassifed Man...
MF2410F0500TM ETC2-MF2410F0500TM Datasheet
332Kb / 8P
   Extremely small size with 250 VAC rating
logo
TAITIEN ELECTRONICS CO....
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com