Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22394FIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22394FIT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22394FIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22394FIT Datasheet HTML 3Page - Cypress Semiconductor CY22394FIT Datasheet HTML 4Page - Cypress Semiconductor CY22394FIT Datasheet HTML 5Page - Cypress Semiconductor CY22394FIT Datasheet HTML 6Page - Cypress Semiconductor CY22394FIT Datasheet HTML 7Page - Cypress Semiconductor CY22394FIT Datasheet HTML 8Page - Cypress Semiconductor CY22394FIT Datasheet HTML 9Page - Cypress Semiconductor CY22394FIT Datasheet HTML 10Page - Cypress Semiconductor CY22394FIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 7 of 17
CY22393
PLL*_En
This bit enables the PLL when HIGH. If PLL2 or PLL3 are not
enabled, then any output selecting the disabled PLL must
have a divider setting of zero (off). Since the PLL1_En bit is
dynamic, internal logic automatically turns off dependent
outputs when PLL1_En goes LOW.
DivSel
This bit controls which register is used for the CLKA and CLKB
dividers.
OscCap[5:0]
This controls the internal capacitive load of the oscillator. The
approximate effective crystal load capacitance is:
Set to zero for external reference clock.
OscDrv[1:0]
These bits control the crystal oscillator gain setting. These
should always be set according to Table 5. The parameters
are the Crystal Frequency, Internal Crystal Parasitic Resis-
tance (available from the manufacturer), and the OscCap
setting during crystal start up, which occurs when power is
applied, or after shutdown is released. If in doubt, use the next
higher setting.
For external reference, the use Table 6.
Reserved
These bits must be programmed LOW for proper operation of
the device.
Serial Programming Bitmaps — Summary Tables
C
LOAD
6pF
OscCap
0.375pF
×
()
+
=
Table 5.
OscCap
00H–20H
20H–30H
30H–40H
Crystal Freq\ R
30
Ω
60
Ω
30
Ω
60
Ω
30
Ω
60
Ω
8–15 MHz
00
01
01
10
01
10
15–20 MHz
01
10
01
10
10
10
20–25 MHz
01
10
10
10
10
11
25–30 MHz
10
10
10
11
11
NA
Table 6.
External Freq (MHz)
1–25
25–50
50–90
90–166
OscDrv[1:0]
00
01
10
11
Addr
DivSel
b7
b6
b5
b4
b3
b2
b1
b0
08H
0
ClkA_FS[0]
ClkA_Div[6:0]
09H
1
ClkA_FS[0]
ClkA_Div[6:0]
0AH
0
ClkB_FS[0]
ClkB_Div[6:0]
0BH
1
ClkB_FS[0]
ClkB_Div[6:0]
0CH
ClkC_FS[0]
ClkC_Div[6:0]
0DH
ClkD_FS[0]
ClkD_Div[6:0]
0EH
ClkD_FS[2:1]
ClkC_FS[2:1]
ClkB_FS[2:1]
ClkA_FS[2:1]
0FH
Clk{C,X}_ACAdj[1:0]
Clk{A,B,D,E}_ACAdj[1:0]
PdnEn
Xbuf_OE
ClkE_Div[1:0]
10H
ClkX_DCAdj[1]
Clk{D,E}_DCAdj[1]
ClkC_DCAdj[1]
Clk{A,B}_DCAdj[1]
11H
PLL2_Q[7:0]
12H
PLL2_P[7:0]
13H
Reserved
PLL2_En
PLL2_LF[2:0]
PLL2_PO
PLL2_P[9:8]
14H
PLL3_Q[7:0]
15H
PLL3_P[7:0]
16H
Reserved
PLL3_En
PLL3_LF[2:0]
PLL3_PO
PLL3_P[9:8]
17H
Osc_Cap[5:0]
Osc_Drv[1:0]
[+] Feedback
[+] Feedback


Similar Part No. - CY22394FIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22394FC CYPRESS-CY22394FC Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394FCT CYPRESS-CY22394FCT Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394FXC CYPRESS-CY22394FXC Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394FXCT CYPRESS-CY22394FXCT Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394FXI CYPRESS-CY22394FXI Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22394FIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com