Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128BNLL-70SXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62128BNLL-70SXC
Description  1-Mbit (128K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BNLL-70SXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62128BNLL-70SXC Datasheet HTML 1Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 2Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 3Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 4Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 5Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 6Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 7Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 8Page - Cypress Semiconductor CY62128BNLL-70SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-Mbit (128K x 8) Static RAM
CY62128BN
MoBL®
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06498 Rev. *A
Revised August 3, 2006
Features
• Temperature Ranges
— Commercial: 0°C to 70°C
— Industrial: –40°C to 85°C
— Automotive-A: –40°C to 85°C
— Automotive-E: –40°C to 125°C
• 4.5V–5.5V operation
• CMOS for optimum speed/power
• Low active power
(70 ns Commercial, Industrial, Automotive-A)
— 82.5 mW (max.) (15 mA)
• Low standby power
(55/70 ns Commercial, Industrial, Automotive-A)
—110
µW (max.) (15 µA)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE1, CE2, and OE options
• Available in Pb-free and non-Pb-free 32-pin (450
mil-wide) SOIC, 32-pin STSOP and 32-pin TSOP-I
Functional Description[1]
The CY62128BN is a high-performance CMOS static RAM
organized as 128K words by 8 bits. Easy memory expansion
is provided by an active LOW Chip Enable (CE1), an active
HIGH Chip Enable (CE2), an active LOW Output Enable (OE),
and
tri-state
drivers.
This
device
has
an
automatic
power-down feature that reduces power consumption by more
than 75% when deselected.
Writing to the device is accomplished by taking Chip Enable
One (CE1) and Write Enable (WE) inputs LOW and Chip
Enable Two (CE2) input HIGH. Data on the eight I/O pins (I/O0
through I/O7) is then written into the location specified on the
address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable One (CE1) and Output Enable (OE) LOW while forcing
Write Enable (WE) and Chip Enable Two (CE2) HIGH. Under
these conditions, the contents of the memory location
specified by the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
Note:
1. For best-practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O 0
CE2
I/O 1
I/O 2
I/O 3
128K x 8
ARRAY
I/O 7
I/O 6
I/O 5
I/O 4
A0
CE1
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
12
13
29
32
31
30
16
15
17
18
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
NC
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
SOIC
GN
gnc
G
g
GND
Pin Configuration
[+] Feedback
[+] Feedback


Similar Part No. - CY62128BNLL-70SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BNLL-70SXC CYPRESS-CY62128BNLL-70SXC Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BNLL-70SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com