Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5744 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5744
Description  Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5744 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5744 Datasheet HTML 1Page - Sanyo Semicon Device LA5744 Datasheet HTML 2Page - Sanyo Semicon Device LA5744 Datasheet HTML 3Page - Sanyo Semicon Device LA5744 Datasheet HTML 4Page - Sanyo Semicon Device LA5744 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LA5744
No.A0717-4/5
Protection Circuit Functional Descriptions
1. Overcurrent protection function
The overcurrent protection function detects, on a cycle-by-cycle basis, the output transistor current and turns off that
output transistor current if it exceeds 3.1A.
2. Short circuit protection function
This IC prevents the current from increasing when the outputs are shorted by setting the switching frequency to 30kHz
if the VOS pin voltage falls below 0.8V.
Note 3 : If the soft start function is not used, the IC will start up with the overcurrent protection function operating. At this
time, the switching frequency will be cut in half. This means that the switching frequency will be 15kHz at
startup.
Note 4 : Since the switching frequency becomes 30kHz when the VOS pin voltage falls under 0.8V, the current capacity is
reduced. If a load is applied with the VOS pin voltage over 0.8V, the inductance value operates at 22µH. If a load
is to be applied when this voltage is under 0.8V, the inductance value must be increased.
Description of Functional Settings
1. Calculation equation to set the output voltage
This IC controls the switching output so that the VOS pin voltage becomes 1.23V (typ).
The equation to set the output voltage is as follows :
The VOS pin has the inrush current of 1µA (typ). Therefore, the error becomes larger when R1 and R2 resistance
values are large.
2. Startup Delay Function
The output voltage rises when the internal voltage reaches 0.4V (typical). Until that point, a capacitor is charged from
an internal 10
µA (typical) constant-current supply. The startup delay time can be calculated as shown below
Example : Assume a 1
µF capacitor is used.
VO = 1+
× 1.23V(typ)
R2
R1
Td =
=
= 40 ms
C
× V
i
1
µF × 0.4
10
µA
Limit current
Inductor current
SWOUT voltage


Similar Part No. - LA5744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744TP ONSEMI-LA5744TP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Similar Description - LA5744

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com