Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128BNLL-70SXA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62128BNLL-70SXA
Description  1-Mbit (128K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BNLL-70SXA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62128BNLL-70SXA Datasheet HTML 4Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 5Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 6Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 7Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 8Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 9Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 10Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 11Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY62128BN
MoBL®
Document #: 001-06498 Rev. *A
Page 8 of 12
Truth Table
CE1
CE2
OE
WE
I/O0–I/O7
Mode
Power
H
X
X
X
High Z
Power-down
Standby (ISB)
X
L
X
X
High Z
Power-down
Standby (ISB)
LH
L
H
Data Out
Read
Active (ICC)
L
H
X
L
Data In
Write
Active (ICC)
L
H
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed (ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62128BNLL-55SC
51-85081
32-pin 450-Mil SOIC
Commercial
CY62128BNLL-55SXC
32-pin 450-Mil SOIC (Pb-Free)
CY62128BNLL-55SI
32-pin 450-Mil SOIC
Industrial
CY62128BNLL-55SXI
32-pin 450-Mil SOIC (Pb-Free)
CY62128BNLL-55ZAI
51-85094
32-pin STSOP
CY62128BNLL-55ZAXI
32-pin STSOP (Pb-Free)
CY62128BNLL-55ZI
51-85056
32-pin TSOP Type I
CY62128BNLL-55ZXI
32-pin TSOP Type I (Pb-Free)
70
CY62128BNLL-70SC
51-85081
32-pin 450-Mil SOIC
Commercial
CY62128BNLL-70SXC
32-pin 450-Mil SOIC (Pb-Free)
CY62128BNLL-70ZC
51-85056
32-pin TSOP Type I
CY62128BNLL-70ZXC
32-pin TSOP Type I (Pb-Free)
CY62128BNLL-70SI
51-85081
32-pin 450-Mil SOIC
Industrial
CY62128BNLL-70SXI
32-pin 450-Mil SOIC (Pb-Free)
CY62128BNLL-70ZAI
51-85094
32-pin STSOP
CY62128BNLL-70ZAXI
32-pin STSOP (Pb-Free)
CY62128BNLL-70ZI
51-85056
32-pin TSOP Type I
CY62128BNLL-70ZXI
32-pin TSOP Type I (Pb-Free)
CY62128BNLL-70ZXA
51-85056
32-pin TSOP Type I (Pb-Free)
Automotive-A
CY62128BNLL-70SXA
51-85081
32-pin 450-Mil SOIC (Pb-Free)
CY62128BNLL-70SXE
51-85081
32-pin 450-Mil SOIC (Pb-Free)
Automotive-E
CY62128BNLL-70ZAXE
51-85094
32-pin STSOP (Pb-Free)
Please contact your local Cypress sales representative for availability of these parts
[+] Feedback
[+] Feedback


Similar Part No. - CY62128BNLL-70SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BNLL-70SXA CYPRESS-CY62128BNLL-70SXA Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-70SXA CYPRESS-CY62128BNLL-70SXA Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BNLL-70SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com