Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22800-080A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22800-080A
Description  Universal Programmable Clock Generator (UPCG)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-080A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22800-080A Datasheet HTML 2Page - Cypress Semiconductor CY22800-080A Datasheet HTML 3Page - Cypress Semiconductor CY22800-080A Datasheet HTML 4Page - Cypress Semiconductor CY22800-080A Datasheet HTML 5Page - Cypress Semiconductor CY22800-080A Datasheet HTML 6Page - Cypress Semiconductor CY22800-080A Datasheet HTML 7Page - Cypress Semiconductor CY22800-080A Datasheet HTML 8Page - Cypress Semiconductor CY22800-080A Datasheet HTML 9Page - Cypress Semiconductor CY22800-080A Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 7 of 10
Absolute Maximum Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.6
V
TS
Storage Temperature
–65
125
°C
TJ
Junction Temperature
125
°C
Digital Inputs
VSS – 0.3
VDD + 0.3
V
Digital Outputs referred to VDD
VSS – 0.3
VDD + 0.3
V
Electro-Static Discharge
2
kV
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
3.14
3.3
3.47
V
TA
Ambient Temperature, Commercial Grade
0
70
°C
Ambient Temperature, Industrial Grade
–40
85
°C
CLOAD
Max. Load Capacitance on the CLK output
15
pF
fREF[4]
Reference Frequency
0.5
100
MHz
tPU
Power-up time for all VDDs to reach minimum specified voltage (power ramps
must be monotonic)
0.05
500
ms
Pullable Crystal Specifications for VCXO Application ONLY
Parameter
Name
Min
Typ
Max
Unit
CLNOM
Crystal Load Capacitance
14
pF
R1
Equivalent Series Resistance
25
R3/R1
Ratio of Third Overtone Mode ESR to Fundamental Mode ESR. Ratio used
because typical R1 values are much less than the maximum spec
3–
DL
Crystal Drive Level. No external series resistor assumed
0.5
2
mW
F3SEPHI
Third overtone separation from 3*FNOM (High Side)
300
ppm
F3SEPLO
Third overtone separation from 3*FNOM (Low Side)
–150
ppm
C0
Crystal shunt capacitance
7pF
C0/C1
Ratio of Shunt to motional capacitance
180
250
C1
Crystal motional capacitance
14.4
18
21.6
fF
Recommended Crystal Specifications for ALL other Applications
Parameter
Name
Description
Min
Typ
Max
Unit
FNOM
Nominal Crystal Frequency
Parallel resonance, fundamental mode, and
AT cut
8–
30
MHz
CLNOM
Nominal Load Capacitance
12
pF
R1
Equivalent Series Resistance
(ESR)
Fundamental mode
35
50
DL
Crystal Drive Level
No external series resistor assumed
0.5
2
mW
Note
4. Configuration dependent, see the one-page documents.
[+] Feedback
[+] Feedback


Similar Part No. - CY22800-080A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800FXC CYPRESS-CY22800FXC Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22800-080A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com