Electronic Components Datasheet Search |
|
IDT7140LA100TFGI Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT7140LA100TFGI Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 19 page 5 IDT7130SA/LA and IDT7140SA/LA High-Speed 1K x 8 Dual-Port Static SRAM Military, Industrial and Commercial Temperature Ranges DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,5) (VCC = 5.0V ± 10%) NOTES: 1. 'X' in part numbers indicates power rating (SA or LA). 2. PLCC , TQFP and STQFP packages only. 3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tCYC, and using “AC TEST CONDITIONS” of input levels of GND to 3V. 4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby. 5. Vcc = 5V, TA=+25°C for Typ and is not production tested. Vcc DC = 100 mA (Typ) 6. Port "A" may be either left or right port. Port "B" is opposite from port "A". 7130X20 (2) 7140X20(2) Com'l Only 7130X25 7140X25 Com'l, Ind & Military 7130X35 7140X35 Com'l & Military Symbol Parameter Test Condition Version Typ. Max. Typ. Max. Typ. Max. Unit ICC Dynamic Operating Current (Both Ports Active) CEL and CER = VIL, Outputs Disabled f = fMAX(3) COM'L SA LA 110 110 250 200 110 110 220 170 110 110 165 120 mA MIL & IND SA LA ____ ____ ____ ____ 110 110 280 220 110 110 230 170 ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL and CER = VIH f = fMAX(3) COM'L SA LA 30 30 65 45 30 30 65 45 25 25 65 45 mA MIL & IND SA LA ____ ____ ____ ____ 30 30 80 60 25 25 80 60 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(6) Active Port OutputsDisabled, f=fMAX(3) COM'L SA LA 65 65 165 125 65 65 150 115 50 50 125 90 mA MIL & IND SA LA ____ ____ ____ ____ 65 65 160 125 50 50 150 115 ISB3 Full Standby Current (Both Ports - CMOS Level Inputs) CEL and CER > VCC - 0.2V, VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) COM'L SA LA 1.0 0.2 15 5 1.0 0.2 15 5 1.0 0.2 30 10 mA MIL & IND SA LA ____ ____ ____ ____ 1.0 0.2 30 10 ____ ____ ____ ____ ISB4 Full Standby Current (One Port - CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(6) VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled, f = fMAX(3) COM'L SA LA 60 60 155 115 60 60 145 105 45 45 110 85 mA MIL & IND SA LA ____ ____ ____ ____ 60 60 155 115 45 45 145 105 2689 tbl 06a 7130X55 7140X55 Com'l, Ind & Military 7130X100 7140X100 Com'l, Ind & Military Symbol Parameter Test Condition Version Typ. Max. Typ. Max. Unit ICC Dynamic Operating Current (Both Ports Active) CEL and CER = VIL, Outputs Disabled f = fMAX(3) COM'L SA LA 110 110 155 110 110 110 155 110 mA MIL & IND SA LA 110 110 190 140 110 110 190 140 ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL and CER = VIH f = fMAX(3) COM'L SA LA 20 20 65 35 20 20 55 35 mA MIL & IND SA LA 20 20 65 45 20 20 65 45 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(6) Active Port Outputs Disabled, f=fMAX(3) COM'L SA LA 40 40 110 75 40 40 110 75 mA MIL & IND SA LA 40 40 125 90 40 40 125 90 ISB3 Full Standby Current (Both Ports - CMOS Level Inputs) CEL and CER > VCC - 0.2V, VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) COM'L SA LA 1.0 0.2 15 4 1.0 0.2 15 4 mA MIL & IND SA LA 1.0 0.2 30 10 1.0 0.2 30 10 ISB4 Full Standby Current (One Port - CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(6) VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled, f = fMAX(3) COM'L SA LA 40 40 100 70 40 40 95 70 mA MIL & IND SA LA 40 40 110 85 40 40 110 80 2689 tbl 06b |
Similar Part No. - IDT7140LA100TFGI |
|
Similar Description - IDT7140LA100TFGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |