Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22800-082A Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY22800-082A
Description  Universal Programmable Clock Generator (UPCG)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-082A Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY22800-082A Datasheet HTML 2Page - Cypress Semiconductor CY22800-082A Datasheet HTML 3Page - Cypress Semiconductor CY22800-082A Datasheet HTML 4Page - Cypress Semiconductor CY22800-082A Datasheet HTML 5Page - Cypress Semiconductor CY22800-082A Datasheet HTML 6Page - Cypress Semiconductor CY22800-082A Datasheet HTML 7Page - Cypress Semiconductor CY22800-082A Datasheet HTML 8Page - Cypress Semiconductor CY22800-082A Datasheet HTML 9Page - Cypress Semiconductor CY22800-082A Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 8 of 10
Test Circuit
Figure 2. Test Circuit Diagram
Timing Definitions
Figure 3. Duty Cycle Definition; DC = t2/t1
Figure 4. Rise and Fall Time Definitions
DC Electrical Specifications
Parameter
Name
Description
Min.
Typ.
Max. Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V (source)
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD = 3.3V (sink)
12
24
mA
CIN1
Input Capacitance
All input pins except XIN and XOUT
7
pF
CIN2
Input Capacitance
XIN and XOUT pins for non-VCXO applica-
tions
–24
pF
IIH
Input High Current
VIH = VDD
–5
10
µA
IIL
Input Low Current
VIL = 0V
50
µA
f∆XO
VCXO Pullability Range
±150
ppm
VVCXO
VCXO Input Range
0
VDD
V
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
––
0.3
VDD
AC Electrical Characteristics (VDD = 3.3V)
Parameter
Name
Description
Min.
Typ.
Max. Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 3, 50% of VDD
45
50
55
%
t3
Rising Edge Slew Rate
Output Clock Rise Time, 20% - 80% of VDD
0.8
1.4
V/ns
t4
Falling Edge Slew Rate
Output Clock Fall Time, 80% - 20% of VDD
0.8
1.4
V/ns
t10
PLL Lock Time
3
ms
0.1
µF
VDD
CLKout
CLOAD
GND
OUTPUTS
t1
t2
CLK
50%
50%
t3
CLK
80%
20%
t4
[+] Feedback
[+] Feedback


Similar Part No. - CY22800-082A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800FXC CYPRESS-CY22800FXC Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22800-082A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com