Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSR9WBCR8 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVSR9WBCR8
Description  White Side-Emitting SMD LED (120째 Viewing Angle)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSR9WBCR8 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVSR9WBCR8 Datasheet HTML 1Page - OPTEK Technologies OVSR9WBCR8 Datasheet HTML 2Page - OPTEK Technologies OVSR9WBCR8 Datasheet HTML 3Page - OPTEK Technologies OVSR9WBCR8 Datasheet HTML 4Page - OPTEK Technologies OVSR9WBCR8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Issue A.1
04/06
Page 3 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Notes:
1. All ranks will be included per delivery. Rank ratio will be based on die distribution.
2. Tolerance of measurement of luminous intensity is ± 10%.
3. Tolerance of measurement of the Color Coordinates is at ± 0.015.
4. Tolerance of measurement of VF is ± 0.05 V.
White Side-Emitting SMD LED
OVSR9WBCR8
CIE Chromaticity Diagram
Y
X
Rank
A1
A2
Chromaticity
Coordinates
x
0.245 0.264 0.280 0.264 0.264 0.283 0.296 0.280
y
0.229 0.267 0.248 0.220 0.267 0.305 0.276 0.248
Rank
B1
B2
Chromaticity
Coordinates
x
0.283 0.307 0.313 0.296 0.307 0.330 0.330 0.313
y
0.305 0.337 0.297 0.276 0.337 0.360 0.318 0.297
Rank
C
Chromaticity
Coordinates
x
0.330 0.361 0.356 0.330
y
0.360 0.385 0.351 0.318
Chromaticity Coordinates (x, y)


Similar Part No. - OVSR9WBCR8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
   Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9CBCR8 OPTEK-OVSR9CBCR8 Datasheet
1Mb / 4P
   Blue-Green Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
   Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
OVSR9RBCR8 OPTEK-OVSR9RBCR8 Datasheet
2Mb / 4P
   Red Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
More results

Similar Description - OVSR9WBCR8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
   Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
   Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
OVSR9RBCR8 OPTEK-OVSR9RBCR8 Datasheet
2Mb / 4P
   Red Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9CBCR8 OPTEK-OVSR9CBCR8 Datasheet
1Mb / 4P
   Blue-Green Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com