Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVTL09LG3R Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVTL09LG3R
Description  10-Watt Lednium SMD (120째 Viewing Angle)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LG3R Datasheet(HTML) 3 Page - OPTEK Technologies

  OVTL09LG3R Datasheet HTML 1Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 2Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 3Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 4Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 5Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 6Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 7Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 8Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Issue B 0507
Page 3 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Absolute Maximum Ratings
Electrical Characteristics (I
F = 1.05 A, TJ = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
5.7
6.9
7.8
V
Forward Voltage (Blue)
8.7
10.2
11.1
V
Forward Voltage (Green)
9.6
10.8
12.0
V
Forward Voltage (Red)
5.7
6.9
7.8
V
Forward Voltage (White)
8.7
10.2
11.1
V
VF Temperature Co-efficient (Amber, Red)
----
-6.0
----
mV/°C
VF Temperature Co-efficient (White, Blue)
----
-4.8
----
mV/°C
VF Temperature Co-efficient (Green)
----
-5.0
----
mV/°C
2 Θ½
50% Power Angle
----
120
----
deg
Forward Voltage (Red/Green/Blue)
8.5
9.2
9.9
V
DC Forward Current
1.05 A
Peak Pulsed Forward Current
1
3 A
Reverse Voltage
15 V
Maximum Allowable Junction Temperature
2
130°C
Storage and Operating Temperature
-50°~ +85 °C
Notes:
1. Pulse width 1 ms maximum, duty cycle 1/16.
2. Thermal resistance junction to board (TJB) is 2.5°C/W.
Optical Characteristics (I
F = 1.05 A, TJ = 25° C)
COLOR
DOMINANT WAVELENGTH
SPECTRAL FULL-WIDTH-
HALF-MAXIMUM
DOMINANT WAVELENGTH
TEMPERATURE DEPENDENCE
MIN
TYP
MAX
Amber
590
595
600
16 nm
0.08 nm/°C
Blue
455
460
465
24 nm
0.05 nm/°C
Green
510
515
520
40 nm
0.04 nm/°C
Red
620
625
630
18 nm
0.05 nm/°C
10-Watt Lednium SMD
OVTL09LG3x Series
Color
Minimum CCT (°K)
Maximum CCT (°K)
Chromaticity Coordinates
Cool White
6400
7600
Cx
.298
.306
.313
.317
Cy
.314
.288
.34
.307
Daylight White
5200
6400
Cx
.313
.318
.334
.338
Cy
.341
.300
.326
.382
Warm White
3200
3800
Cx
.395
.395
.435
.435
Cy
.372
.390
.426
.443


Similar Part No. - OVTL09LG3R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVTL09LG3R TTELEC-OVTL09LG3R Datasheet
1Mb / 14P
   Lednium Series Optimal X
More results

Similar Description - OVTL09LG3R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
   Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com