Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137CVSL-70BAXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62137CVSL-70BAXI
Description  2-Mbit (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CVSL-70BAXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62137CVSL-70BAXI Datasheet HTML 5Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 6Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 7Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 8Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 9Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 10Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 11Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 12Page - Cypress Semiconductor CY62137CVSL-70BAXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY62137CV30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *G
Page 11 of 13
Package Diagrams
G
F
E
D
C
B
A
5
64
3
2
1
PIN 1 CORNER
3.75
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
0.15(4X)
1.20 MAX.
SEATING PLANE
H
E
H
F
G
A
B
C
D
6
5
12
3
4
PIN 1 CORNER
TOP VIEW
BOTTOM VIEW
7.00±0.10
A
B
Ø0.05 M C
(LASER MARK)
B
A
C
7.00±0.10
1.875
48-ball FBGA (7 x 7 x 1.2 mm) (51-85096)
51-85096-*F
[+] Feedback
[+] Feedback


Similar Part No. - CY62137CVSL-70BAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CVSL-70BAXI CYPRESS-CY62137CVSL-70BAXI Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
More results

Similar Description - CY62137CVSL-70BAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com