Selected language     English  ▼


LA7138M Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 8 page
background image
LA7138M
No.A0220-8/16
Input/Output form Diagram
Pin
No.
Pin name
I/O
Pin
voltage
Input/
Output
impedance
Function
Equivalent circuit
1
MUTE
I
1.7V
21k
Mute control pin for video signal outputs
(Pins 13, 15, 17, 19 and 21).
Control can be made with a microcontroller
operating on 3.3 to 5.0V power supply.
2
SIG.SW
I
1.7V
21k
Pin to select the input form of pins 3 and 6
according to the type of input signal
(composite/s/component/ base band). Control
can be made with a microcontroller operating
on 3.3 to 5.0V power supply.
Add a 5.1k
Ω resistor in series externally.
3
COMP.IN
I
4.5V
Clamp
form
Video signal input pin.
Enter the composite signal for input of the
composite/S signal. Enter the B-Y or R-Y
signal for input of the component signal.
For input of the base band, enter any of RGB
signals that have a sync signal.
(This pin is connected to GND when the S
signal is entered.)
4
SQ.SW
I
2.4V
9.0G
Pin to enter the squeeze information. Control
can be made with a microcontroller that
operates on 3.3 to 5.0V power supply.
5
LB.SW
I
2.43V
8.1G
Pin to enter the Letter-Box information.
Control can be made with a microcontroller that
operates on 3.3 to 5.0V power supply.
22
COMP.SW
I
2.4V
9.0G
Y/C-MIX ON/OFF control pin. Be sure to set
this pin HIGH in cases other than composite/S
control of pin 2.
Control is possible with a microcontroller
operating on 3.3 to 5.0V power supply or
through selection of VCC/GND on the
substrate.
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
CMD45065-CH BTL Driver for DVD Player 1 2 3 4 5 MoreCeramate Technical
AM56685-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl