Selected language     English  ▼


LA7138M Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part No. LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 9 page
background image
LA7138M
No.A0220-9/16
Continued from preceding page.
Pin
No.
Pin name
I/O
Pin
voltage
Input/
Output
impedance
Function
Equivalent circuit
6
C.IN
I
4.8V
10k
Video signal input pin.
Enter the chroma signal for input of composite/S
signal. Enter the B-Y or R-Y signal for input of
the component signal input.
For input of the base band signal, enter any of
RGB signals that have a sync signal.
8
REG
O
8V
1.5k
Pin for the regulator that generates an 8V
supply voltage in IC.
To use the supply voltage of 12V, connect a
collector of the external PNP transistor (see the
test circuit A). Since the noise in IC is
dependent on the stability of regulator, it is
recommended to connect a 470
µF capacitor
when the S/N ratio of –80dB is to be secured for
controls other than Y/C-MIX.
To secure the S/N ratio of –74dB for Y/C-MIX,
set the supply voltage to 8V (VCCB) and apply
8V also to this pin. (See the test circuit B.)
10
Y.IN
I
4.2V
Clamp form
Video signal input pin.
Enter the Y signal for input of composite/S and
component signal. For input of the base band
signal, enter any of RGB signals that have a
sync signal.
11
AMP.SW
I
2.4V
9.0G
Control pin to select the AMP gain according to
the input signal amplitude.
Control is possible with a microcontroller that
operates on 3.3 to 5.0V power supply as well as
through selection of VCC/GND on a substrate.
12
PNP-B-IN
O
3.4V
4.0G
Base input pin of the external PNP transistor for
the 8V regulator.
Connect to the transistor in case of the supply
voltage of 12V (see the test circuit A).
To use the supply voltage of 8V, keep this pin
open (see the test circuit B).
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
CMD45065-CH BTL Driver for DVD Player 1 2 3 4 5 MoreCeramate Technical
AM56685-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl