Selected language     English  ▼


LA7138M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
92706 / 41006 MS OT B8-5979, B8-5467 No.A0220-1/13
LA7138M
Overview
The LA7138M is a video output interface IC for DVD players. It is an ideal DVD player driver IC that generates analog
video signals such as composite/S and component/RGB signals. Incorporating Y/C-MIX, the LA7138M can dispense with
the composite output that would otherwise have to be provided by a DA converter.
Feature
• Video S/N ratio: -80dB.
• f characteristics: 10MHz flat.
• Y/C time difference: 2ns maximum.
• Signal dynamic range: 170 IRE.
• Supports all types of video signals including the composite/S, component, and base-band (RGB) signals; the internal input
configuration is selected under microcontroller control (input capacitors to be used in common).
• Provides two channels of 75Ω driver outputs each of which can be muted on and off independently under microcontroller
control.
• Internally generates clamp pulses that are necessary when receiving the component input signals.
• The amplifier gain is selectable from 8.5dB and 6dB.
• The on-chip regulator circuit provides stable DC voltages that are immune to VCC fluctuations.
Function
• Clamp.
• Amplifier.
• 75Ω driver.
• Y/C-MIX.
• DC voltage output for S1 and S2.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
15.0
V
Allowable power dissipation
Pdmax
Ta
≤75°C, Mounted on a board*
525
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
*:
As mounted to the glass epoxy made board of a size 114.3
×76.1×1.6mm3
Ordering number : ENA0220
Monolithic Linear IC
For the DVD Player
Analog Video Signal I/F Driver
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
CMD45065-CH BTL Driver for DVD Player 1 2 3 4 5 MoreCeramate Technical
AM56685-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl