Selected language     English  ▼


LA7138M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
LA7138M
No.A0220-10/16
Continued from preceding page.
Pin
No.
Pin name
I/O
Pin
voltage
Input/
Output
impedance
Function
Equivalent circuit
13
Y.OUT1
O
2.7V
11.6
15
Y.OUT2
O
2.7V
11.6
Video signal output pin.
Drives the video signal entered in pin 10 by
75
Ω. Mute possible with pin 1.
17
C.OUT1
O
3.9V
11.6
19
C.OUT2
O
3.9V
11.6
Video signal output pin.
Drives the video signal entered in pin 6 by 75
Ω.
Mute possible with pin 1.
21
COMP.OUT1
O
3.57V
11.6
23
COMP.OUT2
O
3.57V
11.6
Video signal output pin.
Drives the video signal entered in pin 3 by 75
Ω.
Mute possible with pin 1.
16
C-DC.OUT
O
4.7V
4.1
S1/S2 DC voltage output pin.
Outputs 0V for the 4: 3 mode, 2.2V for the
Letter-Box mode, and 5V for the squeeze
mode.
Connect with a 10k
Ω resistor after capacitive
coupling of chroma signal output.
9
VCC1
P
12V
OR
8.0V
VCC for a signal processing circuit.
To use the supply voltage of 12V, connect an
emitter of external PNP transistor (see the test
circuit A). Insert a capacitor of around 47
µF
between this VCC and pin 7.
20
VCC2
P
8V
VCC for the 75Ω drive circuit.
Insert a capacitor of around 47
µF between this
VCC and GND of the 75Ω drive circuit.
Pay due attention to the layout because the
output signal has a substantial amplitude.
7
GND1
P
0V
GND for the signal processing circuit.
14
GND2
P
0V
GND of the 75
Ω drive circuit (pins 13 and 15).
Pay due attention on the layout because the
output signal has a substantial amplitude.
18
GND2B
P
0V
GND of the 75
Ω drive circuit (pins 17 and 19).
Pay due attention to the layout because the
output signal has a substantial amplitude.
24
GND2A
P
0V
GND of the 75
Ω drive circuit (pins 21 and 23).
Pay due attention on the layout because the
output signal has a substantial amplitude.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
CMD45065-CH BTL Driver for DVD Player 1 2 3 4 5 MoreCeramate Technical
AM56685-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl