Selected language     English  ▼


LA7138M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 4 page
background image
LA7138M
No.A0220-4/16
Continued from preceding page.
Ratings
Parameter
Symbol
Input
signal
Test
point
Conditions
min
typ
max
Unit
* Output DC voltage characteristics at Ta = 25
°C, VCCA = 9.0 to 13.0V
Output DC for 4: 3
V43
T16
For 4:3 mode control (no load)
0
0.01
0.35
V
Output DC for
Letter -Box
VLB
T16
For the Letter-Box mode control
(Load current 500µA to flow out)
2.05
2.2
2.35
V
Output DC for
squeeze
VSQ
T16
For squeeze mode control
(Load current 500µA to flow out)
4.4
4.7
5.0
V
* Output DC voltage characteristics at Ta = 25
°C, VCC B = 7.5 to 8.5V
Output DC for 4: 3
V43
T16
For 4:3 mode control (no load)
0
0.01
0.35
V
Output DC for
Letter-Box
VLB
T16
For the Letter-Box mode control
(Load current 500µA to flow out)
1.90
2.15
2.40
V
Output DC for
squeeze
VSQ
T16
For squeeze mode control
(Load current 500µA to flow out)
4.15
4.60
5.00
V
Note) Each of AMP-GAIN and AMP-GAIN ratios is the value when the output pin part shown in the test circuit diagram is inserted.
Sig.1
Sig.2
Sig.3
Sig.4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
CMD45065-CH BTL Driver for DVD Player 1 2 3 4 5 MoreCeramate Technical
AM56685-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl