Selected language     English  â–¼


LA7138M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA7138M
No.A0220-5/16
Design Guarantee Items at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Except for Y/C-MIX (VCCA = 9.0 to 13.0V, VCCB = 7.5 to 8.5V)
Channel crosstalk
CT
The signal which becomes 1Vp-p at f = 4MHz and with the output in
C connection is entered in other channels. Measure the magnitude
of monitor channel output pins at 4MHz and specify the ratings as a
ratio relative to the magnitude of output pin of other channels at
4MHz.
-65
-60
dB
Video S/N ratio
SN
Enter the Y signal with 100% white and apply 3.3V to pin 11.
Measure S/N of the output signal.
* Refer to Note 1.
-80
-78
dB
Differential gain
DG
Enter the 1Vp-p standard stair step signal (color) to obtain pin 11 =
OPEN. Measure the differential gain of the output signal, with the
output pin part shown in the measuring circuit diagram inserted.
0.5
2
%
Differential phase
DP
Enter the 1Vp-p standard stair step signal (color) to obtain pin 11 =
OPEN. Measure the differential phase of the output signal, with the
output pin part shown in the measuring circuit diagram inserted.
-1
0
1
dB
For Y/C-MIX (VCCB = 7.5 to 8.5V)
Channel crosstalk
CT
The signal which becomes 1Vp-p at f = 4MHz and with the output in
C connection is entered in other channels. Measure the magnitude
of monitor channel output pins at 4MHz and specify the ratings as a
ratio relative to the magnitude of output pin of other channels at
4MHz.
-65
-60
dB
Video S/N ratio
SN
Enter the Y signal with 100% white and add pin 11 = 3.3V. Measure
S/N of the output signal.
* Refer to Note 1.
-74
-72
dB
Differential gain
DG
Enter the 761mVp-p standard stair step signal (color) to obtain pin
11 = 3.3V. Measure the differential gain of the output signal, with the
output pin part shown in the measuring circuit diagram inserted.
4
5.5
%
Differential phase
DP
Enter the 761mVp-p standard stair step signal (color) to obtain pin
11 = 3.3V. Measure the differential phase of the output signal, with
the output pin part shown in the measuring circuit diagram inserted.
-1
0.5
1.5
dB
* Note 1) Since the noise in IC is dependent on the stability of regulator, it is recommended to connect a 470
µF capacitor when the S/N ratio of –80dB is to be
secured for controls other than Y/C-MIX. To secure the S/N ratio of -74dB for Y/C-MIX, set the supply voltage to 8V (VCCB) and apply 8V also to this
pin. (See the test circuit B.)
Package Dimensions
unit : mm
3112B
1
12
13
24
12.5
0.15
1.0
0.35
(0.75)
SANYO : MFP24S(300mil)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
CMD45065-CH BTL Driver for DVD Player 1 2 3 4 5 MoreCeramate Technical
AM56685-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl