Selected language     English  ā–¼


LA7209V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA7209V
Description  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
LA7209V
No.A0641-10/14
Description of Functional Settings
1. ASK modulation driver amplifier: ASK modulates the data and outputs it as an RD signal.
(1) Input settings
Pins 2 and 3 input a 13.56MHz carrier signal (pulse/sine wave) as an inverting/noninverting input pair.
The input dynamic range is 500mVp-p.
I/O Characteristics Sample Data
Input level
[mVp-p]
Output level
[Vp-p]
Data : high/low
Ra
[
Ī©]
Rb
[
Ī©]
Rd
[k
Ī©]
Antenna current
[mA]
Data : high/low
IC current
[mA]
Data : high/low
280
7.9/3.9
15
4.7
1
13.5/6.0
20.9/19.4
220
6.3/3.3
15
4.7
1
10.5/4.8
20.7/19.2
180
4.6/2.5
15
4.7
1
7.8/3.7
20.5/19.0
280
7.1/3.3
22
6.8
1
11.9/4.9
20.9/19.4
220
5.6/2.9
22
6.8
1
9.3/4.0
20.7/19.2
180
4.1/2.3
22
6.8
1
7.0/3.1
20.5/19.0
280
6.2/2.9
33
10
1
10.0/3.9
20.9/19.4
220
4.8/2.5
33
10
1
8.0/3.2
20.7/19.2
180
3.5/1.5
33
10
1
6.0/2.5
20.5/19.0
(2) Setting the degree of modulation
The degree of modulating is set by the ratio of the resistors connected between pins 4 and 5 (Ra) and pins 5 and 6 (Rb).
For types B and C, this is determined by the idling current (Ia) determined by Ra and parallel resistance of Ra + Rb.
The degree of modulation is determined by the idling current (Iab).
(Modulation is performed by switching pin 6 (DATA_SW) on and off.)
For type A, the 100% modulation point is determined by the idling current (Iab) determined by the parallel resistance
of Ra + Rb.
(Modulation is performed by switching pin 4 (TYPE_SW) and pin 6 on and off at the same time.)
Setting the Degree of Modulation
Pin 11
Pin 7
High (Type A)
Low (type B and C)
Data high
Data low
Pin 4
*1
On
Pin 6
On
Off
*1 : When type A is selected by setting pin 11 high, SW4 and SW6 operate in a linked manner.
2
3
4
5
6
7
11
MOD
CAR
IN+
CAR
IN-
TYPE
SW
MOD_E
DATA
SW
TYPE
CTL
SW6
Ia
Ra
Ib
Rb
SW4
MOD
DATA
IN




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA4917HMonolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor
FMPA2151_072.4-2.5GHz and 4.9-5.9GHz Dual Band Linear Power Amplifier Module 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl