Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7209V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA7209V
Description  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7209V Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA7209V Datasheet HTML 6Page - Sanyo Semicon Device LA7209V Datasheet HTML 7Page - Sanyo Semicon Device LA7209V Datasheet HTML 8Page - Sanyo Semicon Device LA7209V Datasheet HTML 9Page - Sanyo Semicon Device LA7209V Datasheet HTML 10Page - Sanyo Semicon Device LA7209V Datasheet HTML 11Page - Sanyo Semicon Device LA7209V Datasheet HTML 12Page - Sanyo Semicon Device LA7209V Datasheet HTML 13Page - Sanyo Semicon Device LA7209V Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LA7209V
No.A0641-11/14
Degree of Modulation Sample Data
Input level
[mVp-p]
Output level
[Vp-p]
Data : high/low
Ra
[
Ω]
Rb
[
Ω]
Rd
[k
Ω]
Antenna current
[mA]
Data : high/low
IC current
[mA]
Data : high/low
Degree of modulatio
[%]
220
4.8/3.9
10
33
1
8.0/6.0
20.7/19.2
10
220
4.8/0.0
10
33
1
8.0/0.1
20.7/19.2
100
* : This IC can support out-of-standard modulation levels by settings using the resistors Ra and Rb described above.
(3) Output level setting
The output level is set by setting the two items (the input level and the idling current) described above and the
damping resistor (Rd) between pins 22 and 23. Note that although an output amplitude (at pins 22 and 23) of about
two times the VCC voltage can be acquired, if the output voltage limit is exceeded, a collision with the pin 5 voltage
occurs and abnormal oscillation due to VCE saturation may occur. In such cases, changes to the antenna structure
(VCC midpoint supply) and/or damping of the output level will be required.
Output Damping Characteristics Sample Data
Rd
[
Ω]
Output level
[Vp-p]
Data : high/low
Ra
[
Ω]
Rb
[
Ω]
Input level
[mVp-p]
Antenna current
[mA]
Data : high/low
IC current
[mA]
Data : high/low
3.9
8.5/4.6
15
4.7
180
7.8/3.7
20.5/19.0
2.2
6.9/3.5
15
4.7
180
7.8/3.7
20.5/19.0
1
4.6/2.5
15
4.7
180
7.8/3.7
20.5/19.0
3.9
8.1/4.3
22
6.8
180
7.0/3.1
20.5/19.0
2.2
6.5/3.3
22
6.8
180
7.0/3.1
20.5/19.0
1
4.1/2.3
22
6.8
180
7.0/3.1
20.5/19.0
3.9
7.5/3.5
33
10
180
6.0/2.5
20.5/19.0
2.2
5.8/2.9
33
10
180
6.0/2.5
20.5/19.0
1
3.5/1.9
33
10
180
6.0/2.5
20.5/19.0
2. Read amplifier (diode detector, bandpass filter, variable amplifier + fixed amplifier) : Data modulation from
the RF signal
(1) Level setting
The input level is determined by voltage division by the capacitors connected between pins 21 and 22 and between
pins 23 and 24 and the IC internal capacitance. However, note that the input dynamic range of pins 21 and 24 is the
same as the VCC voltage.
(2) Variable amplifier gain setting
The gain is determined by the value of the resistor (Rg) connected between pin 19 and ground.
Note that the range of values that may be used for Rg is from 4.7k
Ω (minimum gain) to 100kΩ (maximum gain).
Bandpass Filter Characteristics
– 30
– 20
– 10
– 15
– 25
0
– 5
10
100
1000
10000
Frequency [kHz]
Variable Amplifier Gain Characteristics
0
10
20
15
5
30
25
0
1020
30
40
50
6070
80
90
100
Pin 19 resistance (=Rg) [k
Ω]


Similar Part No. - LA7209V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
More results

Similar Description - LA7209V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com