Selected language     English  â–¼


LA7209V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7209V
Description  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LA7209V
No.A0641-2/14
Recommended Operating Conditions at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
VCC
5.0
V
Allowable operating voltage range
VCC op
2.7 to 6.0
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
IN
OUT
Conditions
min
typ
max
Unit
Consumption current 1
ICC1
T2A
T3A
VIN = 3.0Vp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure the flowing current at pin 20.
T7 : 3.0V, SW1 : 2, SW2 : Open, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
15
20
25
mA
Consumption current 2
ICC2
T2A
T3A
VIN = 3.0Vp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure the flowing current at pin 22 & 23.
T7 : 3.0V, SW1 : 2, SW2 : Open, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
7
9.5
12
mA
Consumption current 1
in power save
ICC1S
T2A
T3A
VIN = 3.0Vp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure the flowing current at pin 20 in
P.S.
T7 : 3.0V, SW1 : 2, SW2 : Open, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
0.5
0.65
0.8
mA
Consumption current 2
in power save
ICC2S
T2A
T3A
VIN = 3.0Vp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure the flowing current at pin 22 & 23
in P.S.
T7 : 3.0V, SW1 : 2, SW2 : Open, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
0
0.1
0.2
mA
MOD output level 1
VMOD1
T2A
T3A
T22
T23
VIN = 3.0Vp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure the amplitude of output waveform.
T7 : 3.0V, SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
9
12
15
Vp-p
MOD output level 2
VMOD2
T2A
T3A
T22
T23
VIN = 750mVp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure the amplitude of output waveform.
T7 : 3.0V, SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
1.2
2.5
3.8
Vp-p
MOD output level 3
VMOD3
T2A
T3A
T22
T23
VIN = 750mVp-p, 13.2MHz, Square wave (T2A/T3A :
Opposite) The ratio of VMOD2.
T7 : 3.0V, SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
70
85
100
%
MOD output level 4
VMOD4
T2A
T3A
T22
T23
VIN = 750mVp-p, 13.8MHz, Square wave (T2A/T3A :
Opposite) The ratio of VMOD2.
T7 : 3.0V, SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
70
85
100
%
MOD 2nd harmonic
distortion
THD2
T2A
T3A
T22
T23
VIN = 750mVp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure 2nd harmonic distortion of output
waveform.
T7 : 3.0V, SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2,
SW5 : 2, SW6 : 2
-60
-40
-34
dB
Modulation type A
MODA
T2A
T3A
T7
T22
T23
VIN = 3.0Vp-p, 106kHz, Square wave (T7)
VIN = 750mVp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure modulation of output waveform.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2, SW5 : 2, SW6 : 2
90
100
110
%
Modulation type B
MODB
T2A
T3A
T7
T22
T23
VIN = 3.0Vp-p, 106kHz, Square wave (T7)
VIN = 750mVp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite) Measure modulation of output waveform.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2, SW5 : 2, SW6 : 2
25
30
35
%
Modulator output noise
level
NMOD
T7
T22
T23
DC_3V are impressed to T7 and an output noise is
measured.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 2, SW5 : 2, SW6 : 2
-43
-39
dBV
MOD DATA input
voltage “High“
VDATH
T7
T6
DC voltage that T6 sinks.
SW1 : 2, SW2 : 2, SW3 : 3, SW4 : 2, SW5 : 2, SW6 : 2
1.7
5.0
V
MOD DATA input
voltage “Low“
VDATL
T7
T6
DC voltage that T6 opens.
SW1 : 2, SW2 : 2, SW3 : 3, SW4 : 2, SW5 : 2, SW6 : 2
0.0
1.3
V
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA4917HMonolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor
FMPA2151_072.4-2.5GHz and 4.9-5.9GHz Dual Band Linear Power Amplifier Module 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl