Selected language     English  ▼


LA7209V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7209V
Description  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 4 page
background image
LA7209V
No.A0641-4/14
Package Dimensions
unit : mm (typ)
3175C
Block Diagram
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15
24
23
22
21
20
19
18
17
16
15
14
13
DET
IN-
T24 T23
T22 T21 T20
T19
VCC1
5V
VCC3
3V
VCC2
5V
3.9k
Ω
Dummy
Antenna
15pF
1
μH1μH
10
μF
10
μH
1.8k
Ω
SW5
SW4
0.1
μF
10pF
+
T18
T17
T16
T16A
T15
1
4
5
8
9
10
11
12
GND
TYPE
SW
DATA
SW
TAG
DET
TAG
OUT
TYPE
CTL
PWR_SAVE
NOR_OPRT
PWR
SAVE
CTL
MOD
DATA
IN
MOD_E
ON:TYPE-B/C
REG
CAR
IN-
CAR
IN+
DET
IN+
EVR
CTL
GAIN
10~30dB
EVR
OUT
AMP
OUT
GAIN
30dB
COMP
IN
COMP
AMP
EVR
COMP
OUT
TAG
REF
GND
VCC
MOD
OUT+
MOD
OUT-
1
2
2
1
0.1
μF
VCC3
3V
100
Ω
T15
100pF
SW6
22
1
A
B/C 2
1
2
10
Ω
33
Ω
1
SW3
SW1
VCC3
3V
VCC3
3V
VCC3
3V
VCC1
5V
2.7k
Ω
10k
Ω
10k
Ω
1
μF
100pF
T2A
T3A
T4
T6
T5
T7
T3
T8
T9
T10
T11
T12
T2
SW2
VCC1
5V
6
7
COMP
REG
TAG
DET
LPF
MOD
2
3
* Dummy antenna : TDK inductor EL0405
Specifications : L = 1
μH ±1%, Q = 50 (at f = 7.96MHz), DC resistance = 0.22Ω (maximum)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA4917HMonolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor
FMPA2151_072.4-2.5GHz and 4.9-5.9GHz Dual Band Linear Power Amplifier Module 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl