Selected language     English  ▼


LA7358M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
N2206 MS OT B8-5142 No.A0247-1/17
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft’s control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA7358M
Overview
LA7358M is a VCR-use SECAM chroma signal processor.
Function
• 4.3MHz BPF
• 4×circuit
• 1.1MHz BPF
• 2.2MHz BPF
• Limiter
• Automatic adjustment BELL filter
• AGC (in PB mode)
• SECAM detector
• Divide-by-four circuit
• Sync gate
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 70°C*
600
mW
Operating temperature
Topr
-15 to +70
°C
Storage temperature
Tstg
-40 to +150
°C
* Mounted on a board. 114.3
×76.1×1.6mm3 Glass epoxy
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCC op
4.8 to 5.5
V
Ordering number : ENA0247
Monolithic Linear IC
For VCR
SECAM Chroma
Signal Processor




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
AN5177NKVIF/SIF Signal Processor IC for TV and VCR 1 2 3 4 Panasonic Semiconductor
LA7605MMonolithic Linear IC Video Signal Processor 1 2 3 Sanyo Semicon Device
LA9211MASP Analog Signal Processor for CD Players 1 Sanyo Semicon Device
NTE1661Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV 1 2 3 NTE Electronics
BD3443FSSilicon monolithic integrated circuit Sound processor for car audio 1 2 3 4 5 MoreRohm
LA2335MMonolithic Linear IC For Audio Equipment Control Transceiver IC 1 2 3 4 Sanyo Semicon Device
XRD982516-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
BD3445FSSilicon monolithic integrated circuit Audio Sound processor for built-in SCF 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl