Selected language     English  ā–¼


LA7358M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 10 page
background image
LA7358M
No.A0247-10/17
Continued from preceding page.
Pin No.
Pin name
Function
DC voltage
Signal wave form
Equivalent circuit
13
REG-4.2V
A terminal of
reference voltage
output.
4.2V
DC
14
PB-IN
2.5V
15
AGC-FILTER
PB MODE
REC MODE
KILLER-FILTER
VCC/2 Ā±VBE
DC
16
REC-IN
2.5V
17
PB/REC mode
VTH=VCC/2
selecting control
0 to VCC
DC
18
PB-OUT
B : 2.5V
REC : OPEN
19
LIM-EXC
2.3V
DC
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
AN5177NKVIF/SIF Signal Processor IC for TV and VCR 1 2 3 4 Panasonic Semiconductor
LA7605MMonolithic Linear IC Video Signal Processor 1 2 3 Sanyo Semicon Device
LA9211MASP Analog Signal Processor for CD Players 1 Sanyo Semicon Device
NTE1661Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV 1 2 3 NTE Electronics
BD3443FSSilicon monolithic integrated circuit Sound processor for car audio 1 2 3 4 5 MoreRohm
LA2335MMonolithic Linear IC For Audio Equipment Control Transceiver IC 1 2 3 4 Sanyo Semicon Device
XRD982516-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
BD3445FSSilicon monolithic integrated circuit Audio Sound processor for built-in SCF 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl