Selected language     English  ā–¼


LA7358M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA7358M
No.A0247-3/17
Continued from preceding page.
Ratings
Parameter
Symbol
Input
Test
point
Conditions
min
typ
max
Unit
REC EQ characteristics (2)
GEQRL
S22
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = 3.8MHz)
referenced (0dB) to VEQRC.
SW22A = SW22B = ON,
S29 = Comp.Sync
8
11
14
dB
REC EQ characteristics (3)
GEQRH
S22
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = 4.8MHz)
referenced (0dB) to VEQRC.
SW22A = SW22B = ON,
S29 = Comp.Sync
8
11
14
dB
REC chroma signal
output level
VOR
S16
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = 4.4MHz)
SW22B = ON, S29 = Comp.Sync
80
110
140
mVp-p
REC chroma signal output
unwanted spectrum (1)
GSR1
S16
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = 4.4MHz)
SW22B = ON, S29 = Comp.Sync
Measure 2.2MHz component at T12.
Referenced (0dB) to VOR.
-30
-20
dB
REC chroma signal output
unwanted spectrum (2)
GSR2
S16
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = 4.4MHz)
SW22B = ON, S29 = Comp.Sync
Measure 3.3MHz component at T12.
Referenced (0dB) to VOR.
-30
-20
dB
PB mode current drain
ICCP
S14
A23
V5 = 0V, V17 = 5V,
S29 = Comp.Sync
S14 = sine wave
(50mVp-p, f = 1.0715MHz)
60
80
100
mA
AGC control
characteristics (1)
VAGC
S14
T12
V6 = 5V, SW9B = ON, V17 = 5V,
S29 = Comp.Sync S14 = sine wave
(50mVp-p, f = 1.0715MHz)
90
120
150
mVp-p
AGC control
characteristics (2)
GAGC1
S14
T12
V6 = 5V, SW9B = ON, V17 = 5V,
S29 = Comp.Sync S14 = sine wave
(100mVp-p, f = 1.0715MHz)
referenced (0dB) to VAGC.
-1
0
1
dB
AGC control
characteristics (3)
GAGC2
S14
T12
V6 = 5V, SW9B = ON, V17 = 5V,
S29 = Comp.Sync S14 = sine wave
(25mVp-p, f = 1.0715MHz)
referenced (0dB) to VAGC.
-1
0
1
dB
1.1MHz BPF
characteristics (1)
GF1L
S14
T12
V6 = 5V, SW15 = ON,
V15 = V15R (Note4)
S14 = sine wave
(50mVp-p, f = 500kHz),
V17 = 5V S29 = Comp.Sync,
referenced (0dB) to VAGC.
-3
0
3
dB
1.1MHz BPF
characteristics (2)
GF1H1
S14
T12
V6 = 5V, SW15 = ON,
V15 = V15R (Note4)
S14 = sine wave
(50mVp-p, f = 2.2kHz),
referenced (0dB) to VAGC.
V17 = 5V, S29 = Comp.Sync
-30
-20
dB
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
AN5177NKVIF/SIF Signal Processor IC for TV and VCR 1 2 3 4 Panasonic Semiconductor
LA7605MMonolithic Linear IC Video Signal Processor 1 2 3 Sanyo Semicon Device
LA9211MASP Analog Signal Processor for CD Players 1 Sanyo Semicon Device
NTE1661Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV 1 2 3 NTE Electronics
BD3443FSSilicon monolithic integrated circuit Sound processor for car audio 1 2 3 4 5 MoreRohm
LA2335MMonolithic Linear IC For Audio Equipment Control Transceiver IC 1 2 3 4 Sanyo Semicon Device
XRD982516-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
BD3445FSSilicon monolithic integrated circuit Audio Sound processor for built-in SCF 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl