Selected language     English  â–¼


LA7358M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 4 page
background image
LA7358M
No.A0247-4/17
Continued from preceding page.
Ratings
Parameter
Symbol
Input
Test
point
Conditions
min
typ
max
Unit
1.1MHz BPF
characteristics (3)
GF1H2
S14
T12
V6 = 5V, SW15 = ON,
V15 = V15R(Note4)
S14 = sine wave
(50mVp-p, f = 3.3kHz),
referenced (0dB) to VAGC.
V17 = 5V, S29 = Comp.Sync
-35
-25
dB
PB EQ centre frequency
FEQP1
S14
T9
V6 = 0V, SW9B = ON, SW15 = ON,
V15 = V15R (Note4), V17 = 5V
S14 = sine wave
(50mVp-p, f = 1 to 1.2MHz)
S29 = Comp.Sync (Note5)
1.0608
1.0715
1.0822
MHz
PB EQ characteristics (1)
VEQPC
S14
T9
V6 = 0V, SW9B = ON, SW15 = ON,
V15 = V15R (Note4), V17 = 5V
S14 = sine wave
(50mVp-p, f = FEQP1)
S29 = Comp.Sync
120
150
180
mVp-p
PB EQ characteristics (2)
GEQPL
S14
T9
V6 = 0V, SW9B = ON, SW15 = ON,
V15 = V15R (Note4), V17 = 5V
S14 = sine wave
(50mVp-p, f = 950kHz),
referenced (0dB) to VEQP.
S29 = Comp.Sync
-14
-11
-8
dB
PB EQ charateristics (3)
GEQPH
S14
T9
V6 = 0V, SW9B = ON, SW15 = ON,
V15 = V15R (Note4), V17 = 5V
S14 = sine wave
(50mVp-p, f = 1.2kHz),
referenced (0dB) to VEQP.
S29 = Comp.Sync
-14
-11
-8
dB
PB BELL centre frequency
FBLP1
S9
T18
SW1 = ON, V1 = 5V, V5 = 0V,
SW9A = SW9B = ON, V17 = 5V
S29 = Comp.Sync S9 = sine wave
(200mVp-p, f = 1 to 1.2MHz) (Note6)
4.243
4.286
4.329
MHz
PB BELL characteristics (1)
VBLPC
S9
T18
SW1 = ON, V1 = 5V, V5 = 0V,
SW9A = SW9B = ON, V17 = 5V
S10 = sine wave
(200mVp-p, f = FBLP1
Ă—1/4)
S29 = Comp.Sync
65
85
105
mVp-p
PB BELL characteristics (2)
GBLPL
S9
T18
SW1 = ON, V1 = 5V, V5 = 0V,
SW9A = SW9B = ON, V17 = 5V
S9 = sine wave
(200mVp-p, f = 950kHz),
referenced (0dB) to VBLPC.
S29 = Comp.Sync
8
11
14
dB
PB BELL characteristics (3)
GBLPH
S9
T18
SW1 = ON, V1 = 5V, V5 = 0V,
SW9A = SW9B = ON, V17 = 5V
S9 = sine wave
(200mVp-p, f = 1.2kHz),
referenced (0dB) to VBLPC.
S29 = Comp.Sync
8
11
14
dB
PB chroma signal
output level
VOP
S14
T18
SW1 = ON, V1 = 5V, V5 = V6 = 0V,
V17 = 5V S14 = sine wave
(50mVp-p, f = 1.1MHz)
SW9B = ON, S29 = Comp.Sync
130
160
190
mVp-p
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
AN5177NKVIF/SIF Signal Processor IC for TV and VCR 1 2 3 4 Panasonic Semiconductor
LA7605MMonolithic Linear IC Video Signal Processor 1 2 3 Sanyo Semicon Device
LA9211MASP Analog Signal Processor for CD Players 1 Sanyo Semicon Device
NTE1661Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV 1 2 3 NTE Electronics
BD3443FSSilicon monolithic integrated circuit Sound processor for car audio 1 2 3 4 5 MoreRohm
LA2335MMonolithic Linear IC For Audio Equipment Control Transceiver IC 1 2 3 4 Sanyo Semicon Device
XRD982516-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
BD3445FSSilicon monolithic integrated circuit Audio Sound processor for built-in SCF 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl