Selected language     English  ▼


LA7358M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA7358M
No.A0247-5/17
Continued from preceding page.
Ratings
Parameter
Symbol
Input
Test
point
Conditions
min
typ
max
Unit
PB chroma signal output
unwanted spectrum (1)
GSP1
S14
T18
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 5V S14 = sine wave
(50mVp-p, f = 1.1MHz)
SW9B = ON, S29 = Comp.Sync
Measure 2.2MHz component at T18.
Referenced (0dB) to VOP.
-25
-15
dB
PB chroma signal output
unwanted spectrum (2)
GSP2
S14
T18
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 5V S14 = sine wave
(50mVp-p, f = 1.1MHz)
SW9B = ON, S29 = Comp.Sync
Measure 3.3MHz component at T18.
Referenced (0dB) to VOP.
-20
-10
dB
CLK input level
VCLK
S2
f = 4.433619MHz
100
200
800
mVp-p
Sync signal input
threshold level
VTHS
S29
1.8
2
2.2
V
REC mode sync gate
start time (MUTE OFF)
TRGB
S29
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V, S16 = sine wave
(200mVp-p, 4.286MHz)
SW22B = ON,
S29 = Comp.Sync (Note7)
-0.3
0.2
0.7
µs
REC mode sync gate
start time (MUTE ON)
TRGBM
S29
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V, S16 = sine wave
(200mVp-p, 4.286MHz)
SW22B = ON,
S29 = Comp.Sync (Note7)
SW2 = ON
1.5
2
2.5
µs
REC mode sync gate
release time
TRGE
S29
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V, S16 = sine wave
(200mVp-p, 4.286MHz)
SW22B = ON,
S29 = Comp.Sync (Note7)
SW2 = ON
4.5
5.0
5.5
µs
REC mode
mute setting resistance
VTSP2
S16
T18
(Note8)
10
20
30
k
PB mode sync gate
start time
TPGB
S29
T18
SW1 = ON, V5 = 0V, SW9B = ON,
S14 = sine wave
(50mVp-p, f = 1.0715MHz)
V17 = 5V, S29 = Comp.Sync (Note9)
1.5
2
2.5
µs
PB mode sync gate
release time
TPGE
S29
T18
SW1 = ON, V5 = 0V, SW9B = ON,
S14 = sine wave
(50mVp-p, f = 1.0715MHz)
V17 = 5V, S29 = Comp.Sync (Note9)
4.5
5.0
5.5
µs
BGP start time
TBGB
S29
T28
V5 = 0V, V6 = 5V, SW22B = ON,
V17 = 0V
S29 = Comp.Sync (Note10)
6.4
6.55
6.7
µs
BGP width
TBGW
S29
T28
V5 = 0V, V6 = 5V, SW22B = ON,
V17 = 0V
S29 = Comp.Sync (Note10)
2.3
2.5
2.7
µs
SECAM detection output
resistance
R28
T28
SW27 = ON, V27 = 5V (Note11)
7
10
13
kΩ
REC mode
SECAM detection
characteristics (1)
VSCMR1
S16
T28
V5 = 0V, V17 = 0V, SW22B = ON,
S29 = Comp.Sync
S16 = SECAM color bar signal
(Note12)
4.5
V
REC mode
SECAM detection
characteristics (2)
VSCMR2
S16
T28
V5 = 0V, V17 = 0V, SW22B = ON,
S29 = Comp.Sync
S16 = PAL color bar signal (Note13)
0.5
V
PB mode phase detection
output differential voltage (1)
VSCPD1
S14
T25
T26
V5 = 0V, SW9B = ON, V17 = 5V,
S29 = Comp.Sync S14 = sine wave
(50mVp-p, f = 1.0625/1.1016MHz)
(Note14)
150
180
mV
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
AN5177NKVIF/SIF Signal Processor IC for TV and VCR 1 2 3 4 Panasonic Semiconductor
LA7605MMonolithic Linear IC Video Signal Processor 1 2 3 Sanyo Semicon Device
LA9211MASP Analog Signal Processor for CD Players 1 Sanyo Semicon Device
NTE1661Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV 1 2 3 NTE Electronics
BD3443FSSilicon monolithic integrated circuit Sound processor for car audio 1 2 3 4 5 MoreRohm
LA2335MMonolithic Linear IC For Audio Equipment Control Transceiver IC 1 2 3 4 Sanyo Semicon Device
XRD982516-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
BD3445FSSilicon monolithic integrated circuit Audio Sound processor for built-in SCF 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl