Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSAGBC2R8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSAGBC2R8
Description  Green PLCC4 Surface Mount LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSAGBC2R8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSAGBC2R8 Datasheet HTML 1Page - OPTEK Technologies OVSAGBC2R8 Datasheet HTML 2Page - OPTEK Technologies OVSAGBC2R8 Datasheet HTML 3Page - OPTEK Technologies OVSAGBC2R8 Datasheet HTML 4Page - OPTEK Technologies OVSAGBC2R8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue 1.1
0705
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Green PLCC4 Surface Mount LED
OVSAGBC2R8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Junction Temperature
110°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
100 mA
Power Dissipation
140 mW
Junction/Ambient1
350°C/W
Junction/Solder Point
200°C/W
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
450
700
----
mcd
IF =30mA
VF
Forward Voltage
----
3.9
4.6
V
IF =30mA
IR
Reverse Current
----
----
10
µA
VR = 5V
D
Dominant Wavelength
516
527
536
nm
IF =30mA
2 ½
50% Power Angle
----
120
----
deg
IF =30mA
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (IF = 30mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVSAGBC2R8 may be filled with any or all bins contained as below.
Note:
1.
Rth test condition: Mounted on PC board FR 4 (pad size
2)
1120
900
V2
710
V1
560
U2
450
U1
Dominant Wavelength (nm)
516
536
526
521
531
Xa
Xc
Xb
Xd
Luminous intensity is at
U1 bin or above.


Similar Part No. - OVSAGBC2R8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSAGBC2R8 TTELEC-OVSAGBC2R8 Datasheet
195Kb / 4P
   Green PLCC4 Surface Mount LED
More results

Similar Description - OVSAGBC2R8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSAGBC2R8 TTELEC-OVSAGBC2R8 Datasheet
195Kb / 4P
   Green PLCC4 Surface Mount LED
logo
OPTEK Technologies
OVSAWBCR4 OPTEK-OVSAWBCR4 Datasheet
509Kb / 6P
   White PLCC4 Surface Mount LED
logo
TT Electronics.
OVSABBC2R8 TTELEC-OVSABBC2R8 Datasheet
528Kb / 5P
   Blue PLCC4 Surface Mount LED
OVSASBC2R8 TTELEC-OVSASBC2R8 Datasheet
356Kb / 4P
   Red PLCC4 Surface Mount LED
OVSAWBCR4 TTELEC-OVSAWBCR4 Datasheet
390Kb / 6P
   White PLCC4 Surface Mount LED
logo
OPTEK Technologies
OVSAWBCR9 OPTEK-OVSAWBCR9 Datasheet
1Mb / 5P
   White PLCC4 Surface Mount LED
OVSAABC2R8 OPTEK-OVSAABC2R8 Datasheet
524Kb / 5P
   Amber PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAWBCR9 TTELEC-OVSAWBCR9 Datasheet
850Kb / 5P
   White PLCC4 Surface Mount LED
OVSAABC2R8 TTELEC-OVSAABC2R8 Datasheet
354Kb / 4P
   Amber PLCC4 Surface Mount LED
logo
OPTEK Technologies
OVSABBC2R8 OPTEK-OVSABBC2R8 Datasheet
358Kb / 4P
   Blue PLCC4 Surface Mount LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com