Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVS3WBCR4 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVS3WBCR4
Description  3-Watt SMD 6x6mm White
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS3WBCR4 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVS3WBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS3WBCR4 Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 12/06
Page 2 of 9
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Absolute Maximum Ratings T
A = 25°C
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal conductivity = 20K/W for white
DC Forward Current
120mA
Peak Pulsed Forward Current
1
500mA
Reverse Voltage
5V
Junction Temperature
2
Power Dissipation
450mW
Storage and Operating Temperature
-40°~ +100 °C
ESD Threshold (HBM)
>1000V
125°C
.3-Watt SMD 6mm White
OVS3W Series
OVS3WBCR44
CATHODE MARK


Similar Part No. - OVS3WBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS3WBCR4 TTELEC-OVS3WBCR4 Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
OVS3WBCR44 TTELEC-OVS3WBCR44 Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
More results

Similar Description - OVS3WBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS3W TTELEC-OVS3W Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
OVS5X4CR44 TTELEC-OVS5X4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
   1-Watt SMD 6x6mm With Dome Lens
logo
OPTEK Technologies
OVS5R4CR44 OPTEK-OVS5R4CR44 Datasheet
522Kb / 7P
   5-Watt SMD 6x6mm 40째 Viewing Angle
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
logo
TT Electronics.
OVSPW7CR8 TTELEC-OVSPW7CR8 Datasheet
850Kb / 6P
   1-Watt SMD White LED Lamp (7mm)
logo
Wurth Elektronik GmbH &...
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
logo
Wurth Elektronik GmbH &...
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com