Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PK2 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # PK2
Description  Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

PK2 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  PK2 Datasheet HTML 1Page - Willow Technologies Ltd PK2 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PK

Pulstors Resistors for high voltage peak pulsing
energy control , high frequency non-inductive
Willow offers the ‘Pulstor’ series to meet high frequency PULSING powers; applications short width but high voltage
high energy controlling , pulse energy on the skin-effect at high frequency, various range of resistive value.
PK;Pulse Killer; Pulstors,High Voltage(Vp),Fastest Pulsing Energy
Model Nr. Power
(W)
Resistance
[ ohm ]
Min. Max.
Dimensions in millimeters
SMD
type
A
B (dia)
C
pins *
spacing
(center to
center)
pins *
width
(center to
center)
pin size
PK2
2
1R 2M
24.0+/-1.0
8.0+/-1.5
1.0 x 2wire
Axial
N/A
N/A
N/A
avail-
able
PK3
3.5
3R 2M
39.0+/-1.0
8.0+/-1.5
1.0 x 2wire
Axial
N/A
N/A
N/A
avail-
able
PK5
5
5R 2M
52.0+/-1.0
8.0+/-1.0
1.0 x 2wire
Axial
N/A
N/A
N/A
avail-
able
PK10
10
1.5R 2M
42.0+/-1.5
18.0+/-1.0
N/A
11.5+/-0.2 49.3+/-0.3
0.3 x 2.5
**
PK15
15
2.5R 2M
60.0+/-1.5
18.0+/-1.0
N/A
11.5+/-0.2 49.3+/-0.3
0.3 x 2.5
**
DIMENSIONS [mm]
35 ± 5
A
B
C
** If neccesary SMD , then the user able to bend 4 terminals in semi-flexible which made for the soldering pads
* pins made of brass , on semi-flexible status , adjustable pins width
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - PK2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
logo
Electronic devices inc.
PK20 EDI-PK20 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
SanRex Corporation
PK200FG120 SANREX-PK200FG120 Datasheet
58Kb / 1P
   THYRISTOR/DIODE (ISOLATED TYPE)
PK200FG160 SANREX-PK200FG160 Datasheet
58Kb / 1P
   THYRISTOR/DIODE (ISOLATED TYPE)
PK200FG40 SANREX-PK200FG40 Datasheet
58Kb / 1P
   THYRISTOR/DIODE (ISOLATED TYPE)
More results

Similar Description - PK2

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
APLR RESI-APLR Datasheet
554Kb / 2P
   Non-Inductive High Energy Anti-Pulse Resistors
2021/05/19
logo
Willow Technologies Ltd
DON-50 WILLOW-DON-50 Datasheet
882Kb / 1P
   50Watt High Voltage Mountable Non-Inductive, High Frequency Resistors
UT20 WILLOW-UT20 Datasheet
864Kb / 2P
   Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
ET70 WILLOW-ET70 Datasheet
869Kb / 2P
   Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
3R-250 WILLOW-3R-250 Datasheet
888Kb / 1P
   250Watt Mountable Non-Inductive, High Frequency Resistors
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
HTE WILLOW-HTE Datasheet
3Mb / 2P
   Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com