Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137FV30 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62137FV30
Description  2-Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV30 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62137FV30 Datasheet HTML 4Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 5Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 6Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 7Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 8Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 9Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 10Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 11Page - Cypress Semiconductor CY62137FV30 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY62137FV30 MoBL®
Document Number: 001-07141 Rev. *E
Page 10 of 12
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62137FV30LL-45BVXI
51-85150 48-Ball VFBGA (Pb-free)
Industrial
CY62137FV30LL-45ZSXI
51-85087 44-Pin TSOP II (Pb-free)
45
CY62137FV30LL-45ZSXA
51-85087 44-Pin TSOP II (Pb-free)
Automotive-A
55
CY62137FV30LL-55ZSXE
51-85087 44-Pin TSOP II (Pb-free)
Automotive-E
Contact your local Cypress sales representative for availability of these parts.
Package Diagram
Figure 11. 48-Ball VFBGA (6 x 8 x 1 mm)
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
G
H
65
46
5
23
1
D
H
F
G
E
C
B
A
6.00±0.10
A
6.00±0.10
B
1.875
51-85150-*D


Similar Part No. - CY62137FV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30 Datasheet
353Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30 CYPRESS-CY62137FV30 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV30 CYPRESS-CY62137FV30 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30LL CYPRESS-CY62137FV30LL Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45BVI CYPRESS-CY62137FV30LL-45BVI Datasheet
353Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137FV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com