Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62138EV30LL-45BVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62138EV30LL-45BVXI
Description  2-Mbit (256K x 8) MoBL짰 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138EV30LL-45BVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62138EV30LL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62138EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY62138EV30
MoBL®
Document #: 38-05577 Rev. *A
Page 3 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................... 55°C to +125°C
Supply Voltage to Ground
Potential ........................................ –0.3V to VCC(MAX) + 0.3V
DC Voltage Applied to Outputs
in High-Z State[4,5]......................... –0.3V to VCC(MAX) + 0.3V
DC Input Voltage[4,5]...................... –0.3V to VCC(MAX) + 0.3V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Product
Range
Ambient
Temperature
VCC
[6]
CY62138EV30LL
Industrial –40°C to +85°C
2.2V to
3.6V
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62138EV30-45
Unit
Min.
Typ.[3]
Max.
VOH
Output HIGH Voltage IOH = –0.1
mA
VCC = 2.20V
2.0
V
IOH = –1.0
mA
VCC = 2.70V
2.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA VCC = 2.20V
0.4
V
IOL = 2.1 mA VCC = 2.70V
0.4
V
VIH
Input HIGH Voltage
VCC = 2.2V to 2.7V
1.8
VCC + 0.3V
V
VCC= 2.7V to 3.6V
2.2
VCC + 0.3V
V
VIL
Input LOW Voltage
VCC = 2.2V to 2.7V
–0.3
0.6
V
VCC= 2.7V to 3.6V
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage
Current
GND < VO < VCC,
Output Disabled
–1
+1
µA
ICC
VCC Operating
Supply Current
f = fMAX =
1/tRC
VCC = VCCmax
IOUT = 0 mA
CMOS levels
15
20
mA
f = 1 MHz
2
2.5
mA
ISB1
Automatic CE
Power-down
Current — CMOS
Inputs
CE > VCC – 0.2V, VIN > VCC – 0.2V,
VIN < 0.2V), f = fMAX (Address and
Data Only), f = 0 (OE, and WE),
VCC = 3.60V
17
µA
ISB2
Automatic CE
Power-down
Current — CMOS
Inputs
CE > VCC – 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = 3.60V
17
µA
Capacitance for all packages[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
10
pF
COUT
Output Capacitance
10
pF
Notes:
4. VIL(min.) = –2.0V for pulse durations less than 20 ns.
5. VIH(max) = VCC+0.75V for pulse durations less than 20 ns.
6. Full device AC operation assumes a 100
µs ramp time from 0 to V
CC(min.) and 200 µs wait time after VCC stabilization.
[+] Feedback
[+] Feedback


Similar Part No. - CY62138EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results

Similar Description - CY62138EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com