Electronic Components Datasheet Search |
|
RF100 Datasheet(PDF) 2 Page - Willow Technologies Ltd |
|
RF100 Datasheet(HTML) 2 Page - Willow Technologies Ltd |
2 / 2 page RF Series,HighFrequencyPowerResistors Thick film,Non-Inductive Resistance Tolerance : 1%,2%,5%,10% Temperature Coefficient : Std. 100ppm/ °C, referenced to 25°C, from -15°C to +105°C, other TCR available upon requests. Overload : 5times rated power with applied voltage not to exceed 1.5times Max. continuous operating voltage for 5seconds,overload/ overvoltage ΔR 0.50% typ. Thermal Shock : Mil-Std-202, Method- 107,Cond. C, ΔR 0.50% max. Load Life : 1.000 hours at rated power ΔR 0.5% at DC AC. ΔR 3.0% at repetivepulse energy Moisture Resistance: Mil-Std-202, Method 106, ΔR 0.50% max. Lead Material : RF07 ~RF5 ; Tinned copper solderable wire Insulation Resistance : 10,000Megohms Min. Termination Cap of Material : RF07~RF5 ; Tinned Cap & Wire RF50~RF200; AL alloy Cap M6. Encapsulation : High frequency silicone conformal, Glass SPECIFICATIONS DERATING CURVE cf.: The described specifications & dimensions subject to change without notice. • RF Termination • RF Dummy Load • Wave Form Load • High Frequency • Charging/Discharging • AVR ,UPS • Current dividing • Elevators control • Electrical Trains • Experimentals • High Frequency Circuits • Inverters • Power Braking • Military • Hoist Cranes • Motor Dynamic Braking • Industrial Vehicles • Power Supply • Medical Equipments • Server Drivers • Power Loaders • Snubbers • Telecomm Equipments • Shunt • Testing Equipments • Inrrush Current Limiters • Preloads • Dummy Loads • Rectifier • Soft Start • EMI Suppresions APPLICATION GUIDE ; RF SERIES DIMENSIONS [mm] 35 ± 5 A B C 5 75 5 75 5 75 00 80 60 40 0 0 Ambient-Temperature (˚C) Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom. + 44 (0) 1342 835234 + 44 (0) 1342 834306 info@willow.co.uk http://www.willow.co.uk |
Similar Part No. - RF100 |
|
Similar Description - RF100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |