Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT223 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # SOT223
Description  SMT-Precision-R-Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SOT223 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  SOT223 Datasheet HTML 1Page - Willow Technologies Ltd SOT223 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT-Precision-R-Networks
Type: SCN
Sizes: SOT 143, SOT 223, SO 8, SO 14, SO 16, SO 20L
Technical data – depending on size
Size
SOT 143
SOT 223
SO 8
So 14
SO 16
SO 20L
Power rating P70
(P125 = 0 mW)
125
250
250
250
250
500
Resistance range
10R / 1M
10R / 5M
10R / 5M
10R / 10M
10R / 10M
10R / 10M
Technical data - general:
Working voltage U_, Ueff
100 V Silizium, 250 V Keramik
Tolerance absolute
relative
± 0.05; ± 0.1; ± 0.25; ± 0.5; ± 1%
< 0.0251) ; < 0.05; < 0.1%
TCR
absolute
relative
± 51), ± 102), ± 25, ± 50, x 10-6/K
< 11), < 22), < 5, < 10-6/K
Operating temperature range
- 55°C ... + 125°C
Storage temperature range
- 55°C ... + 155°C
Climatic category acc. to IEC 60068
25/125/56
Solderability IEC 60068 T2-20, Ta Meth. 1
235°C 2s
Max. soldering temperature IEC 60068 T2-20, Tb Meth. 1A 260°C 10s
Long term stability
Tol.< 0.25%
Tol.> 0.25%
1000 h
10000 h
1000 h
10000 h
Storage 125°C/1000h
absolute
relative
< 0.02%
< 0.005%
< 0.06%
< 0.02%
< 0.05%
< 0.01%
< 0.1%
< 0.05%
Storage 155°C/1000h
absolute
relative
< 0.1%
< 0.05%
< 0.2%
< 0.1%
< 0.2%
< 0.1%
< 0.5%
< 0.2%
Damp heat
absolute
(56d/40°C/96%)
relative
< 0.05%
< 0.01%
< 0.10%
< 0.05%
1) Temperature range
0 … + 70°C
2) Temperature range –25 … + 125°C
Issue 01/03
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom
Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk


Similar Part No. - SOT223

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
logo
Diodes Incorporated
SOT223 DIODES-SOT223 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOT223 DIODES-SOT223 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
Global Mixed-mode Techn...
SOT223 GMT-SOT223 Datasheet
127Kb / 1P
   Package Outline
logo
Rohm
SOT223-5 ROHM-SOT223-5 Datasheet
36Kb / 2P
   LSI Assembly
More results

Similar Description - SOT223

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
   FPN FHN Networks Precision Shunt Networks
logo
Bourns Electronic Solut...
4116R-R2R-503 BOURNS-4116R-R2R-503 Datasheet
60Kb / 1P
   R/2R Ladder Networks
logo
KOA Speer Electronics, ...
TFAQ20T KOA-TFAQ20T Datasheet
95Kb / 2P
   r/c filter networks
TFBQ20TTEB250K201M KOA-TFBQ20TTEB250K201M Datasheet
228Kb / 2P
   r/c filter networks
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
   precision voltage divider networks
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
logo
KOA Speer Electronics, ...
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
List of Unclassifed Man...
6BIT103G ETC1-6BIT103G Datasheet
39Kb / 1P
   R/2R RESISTOR LADDER NETWORKS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com