Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS0402 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # TPS0402
Description  PTC-Thickfilm Temperature Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

TPS0402 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  TPS0402 Datasheet HTML 1Page - Willow Technologies Ltd TPS0402 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PTC-Thickfilm Temperature Sensors
Type: TPS
Sizes: 0402, 0603, 0805, 1206
Features:
• PTC-Chip Resistors in Thickfilm
• Contact areas tinned or PtAg
• Versions as heater and for active trimming available
Dimensions:
L
B
C
D
Size
L
B
D
C
0402
1.04 ±
0.05
0.50 ±
0.05
0.30 ±
0.05
0.1
+0.1/-0.05
0603
1.50
+0.15/-0.05
0.80
+0.15/-0.05
0.40
+0.15/-0.05
0.2
+0.2/-0.1
0805
2.00
+0.15/-0.05
1.25
+0.15/-0.05
0.40
+0.15/-0.05
0.3
+0.2/-0.1
1206
3.20
+0.15/-0.05
1.50
+0.2/-0.05
0.40
+0.15/-0.05
0.3
+0.2/-0.1
L = Length, B = Width, D = Thickness, C = Width of wrap around (in mm)
Packaging:
Bulk in plastic bags – minimum quantity 100 pieces per value
Blistertape acc. to IEC 60286-3 – minimum 1000 pieces per value
Reel diameter 180 mm or 330 mm
Ordering Data:
Type – value – tolerance – TCR – contact material – packaging
Example: TPS 0805 1 k
± 5 % TC + 2000 ± 400 PtAg Tape 180 mm
If no requirements for TCR, contact material and taping are given, the higher TCR-value,
contact material PtAg will be supplied and packaging is bulk
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom
Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk


Similar Part No. - TPS0402

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS0505 TOPPOWER-TPS0505 Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS0505 TOPPOWER-TPS0505 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS0505 TOPPOWER-TPS0505 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS0505A TOPPOWER-TPS0505A Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS0505A TOPPOWER-TPS0505A Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

Similar Description - TPS0402

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
TRS0805 WILLOW-TRS0805 Datasheet
300Kb / 2P
   PTC Thinfilm Temperature Sensors
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com