Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT20 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # UT20
Description  Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UT20 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  UT20 Datasheet HTML 1Page - Willow Technologies Ltd UT20 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UT ThickerFilmTubulartypeNon-Inductive
Resistors for Ultra High Voltage, High Energy

* Power Rating Able to build up Mega Jouls
Energy System.
* Various Models with Voltage Ratings upto
800kV in oil, 300kV at free air.
UT series to meet general set of requirements Ultra high voltage high energt at reasonable prices.
And to be connection on M4, M6 . Corona Ring & Cap std. A wide range of R-Value & tolerance,
TCR available.
* Terohm available on request
* Custom dimension, Terminations available
* Glass coat std. , epoxy coat available
* The Voltage Limited by Power
* Electrical Specification for 20kΩ ~
1000MΩ only
** Vdc , Vac
Ultra Voltage,High Frequncy Pulse,R & R-C Tank,High Energy.
Model Nr.
Wattage
M a x .
C o t i n u -
o u s O p e r .
V o l t [ kV ] **
Dimensions in millimeters
L
B
D
Dia on
Corona Ring,
'RC' type
W
T
UT 20
20
40
158+/-1.5
14+/-1.0
15+/-1
N/A
10+/-1.5
M4
UT 35
35
30
110+/-1.5
31+/-1.0
33+/-0.5
43
18+/-0.5
M6
UT 50
50
48
160+/-1.5
31+/-1.0
33+/-0.5
43
18+/-0.5
M6
UT 70
70
65
210+/-1.5
31+/-1.0
33+/-0.5
43
18+/-0.5
M6
UT 100
100
100
310+/-1.5
31+/-1.0
33+/-0.5
43
18+/-0.5
M6
UT 150
150
100
310+/-1.5
40+/-1.0
45+/-1.0
59
21+/-0.5
M6
Cap style : ex) UT100 -nc ; normal cap type , UT100 -rc ; Corona Ring & Cap type
DIMENSIONS [mm]


Similar Part No. - UT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT20 ETC-UT20 Datasheet
158Kb / 2P
   Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Marktech Corporate
UT200 MARKTECH-UT200 Datasheet
323Kb / 5P
   LED
logo
Microsemi Corporation
UT2005 MICROSEMI-UT2005 Datasheet
139Kb / 3P
   RECTIFIERS
logo
Digitron Semiconductors
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
More results

Similar Description - UT20

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
ET70 WILLOW-ET70 Datasheet
869Kb / 2P
   Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
HTE WILLOW-HTE Datasheet
3Mb / 2P
   Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
C&B ELECTRONICS (SHENZH...
APLR RESI-APLR Datasheet
554Kb / 2P
   Non-Inductive High Energy Anti-Pulse Resistors
2021/05/19
logo
Willow Technologies Ltd
UR1.7 WILLOW-UR1.7 Datasheet
2Mb / 2P
   Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
PK2 WILLOW-PK2 Datasheet
936Kb / 2P
   Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
NHL VISHAY-NHL Datasheet
127Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 26-Feb-16
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
   Ultra-Precision High Voltage Film Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
DON-50 WILLOW-DON-50 Datasheet
882Kb / 1P
   50Watt High Voltage Mountable Non-Inductive, High Frequency Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com