Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USR4-T2200R5D Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # USR4-T2200R5D
Description  Highest Stability Near Temperature Independent
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

USR4-T2200R5D Datasheet(HTML) 1 Page - Willow Technologies Ltd

  USR4-T2200R5D Datasheet HTML 1Page - Willow Technologies Ltd USR4-T2200R5D Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-600
-400
-200
0
200
400
600
Tem perature (°C)
+5 ppm/K
-5 ppm/K
+2,2 ppm/K
-1,8 ppm/K
-50
-25
025
50
75
100
125
No minal-dR/R
No minal-Spread
+/-2,3 ppm/K
No minal-Spread
+/-2,3 ppm/K
USR UNR 4-T220 4-T220B 4-T221
USS UNS 4-T220
••••• Highest Stability
••••• Near Temperature
Independent
••••• Lowest Tolerances
••••• Low Capacitance and
Inductance
••••• High Power
••••• Available also 2-pin version
SPECIFICATIONS
ELEKTRICAL
USR 4-T220
UNR 4-T220
note1)
Resistance range
:
0R2...80R
0R2...80R
Nominal power
:
1.5 W (70°C) without heatsink
10 W*
15 W*
* with heatsink
Thermal Resistance Rthj-c :
10.8 K/W
6.8 K/W
Tolerances
:
from 0R5
:
0.1%, 0.25%, 0.5%, 1%
from 10R
:
0.05%, 0.1%, 0.25%, 0.5%, 1%
from 50R
:
0.01%, 0.02%, 0.05%, 0.1%, 0.25%, 0.5%, 1%
Stability
:
0.01%
Temperature coefficient :
max. ±5 ppm/K (-55...155)°C
typ. ±3 ppm/K (-55...125)°C
upon request ±1 ppm/K (0...60)°C
Voltage Proof
:
1 kVDC
Thermal EMF
:
< 1 µV/K
ENVIRONMENTAL
Operating Temperature Range
:
-55°C...155°C
MECHANICAL Resistor Material
:
NiCr-Foil
Substrate
:
Al
2O3
AlN
Housing
:
Epoxy + heatsink Cu nickel plated
Connector Material
:
Cu, tinned, 4-pin
Max. torque backplate
:
1.0 Nm
note1): Specially designed for applications with fast changing electrical load.
TEMPERATURE COEFFICIENT
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - USR4-T2200R5D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USR4-T220 RIEDON-USR4-T220 Datasheet
377Kb / 3P
   Precision Shunt Resistors
USR4-T220B RIEDON-USR4-T220B Datasheet
377Kb / 3P
   Precision Shunt Resistors
More results

Similar Description - USR4-T2200R5D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
USR4-1410 WILLOW-USR4-1410 Datasheet
122Kb / 2P
   Highest Stability Near Temperature Independency
USR2-1410 WILLOW-USR2-1410 Datasheet
107Kb / 2P
   Highest Stability Near Temperature Independency
USR4-1414 WILLOW-USR4-1414 Datasheet
110Kb / 2P
   Highest Stability Near Temperature Independency
USR4-4020 WILLOW-USR4-4020 Datasheet
183Kb / 2P
   Highest Stability Nearly Temperature Independent
USR4-3425 WILLOW-USR4-3425 Datasheet
365Kb / 2P
   High Stability Near Temperature Independency
FPR4-14 WILLOW-FPR4-14 Datasheet
101Kb / 2P
   Highest Stability Extremly Low-Ohm
logo
GeneSiC Semiconductor, ...
GB10SLT06-CAL GENESIC-GB10SLT06-CAL Datasheet
215Kb / 3P
   Temperature independent switching behavior
GB02SLT06-CAL GENESIC-GB02SLT06-CAL Datasheet
209Kb / 3P
   Temperature independent switching behavior
logo
M/A-COM Technology Solu...
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com