Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ALS11AW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS11AW
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ALS11AW Datasheet(HTML) 2 Page - Texas Instruments

  SNJ54ALS11AW Datasheet HTML 1Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 2Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 3Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 4Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 5Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 6Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 7Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 8Page - Texas Instruments SNJ54ALS11AW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN54ALS11A, SN54AS11, SN74ALS11A, SN74AS11
TRIPLE 3-INPUT POSITIVE-AND GATES
SDAS009D – MARCH 1984 – REVISED NOVEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
H
L
XX
L
X
LX
L
X
X
L
L
logic diagram, each gate (positive logic)
12
1Y
1A
1B
1C
6
2Y
2A
2B
2C
8
3Y
3A
3B
3C
1
2
13
3
4
5
9
10
11
Pin numbers shown are for the D, J, N, NS, and W packages.
absolute
maximum
ratings
over
operating
free-air
temperature
range
(SN54ALS11A,
SN74ALS11A) (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 2)
SN54ALS11A
SN74ALS11A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low level input voltage
0.8‡
0.8
V
VIL
Low-level input voltage
0.7§
V
IOH
High-level output current
–0.4
–0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
–55
125
0
70
°C
‡ Applies over temperature range –55
°C to 70°C
§ Applies over temperature range 70
°C to 125°C
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SNJ54ALS11AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS11AW TI-SNJ54ALS11AW Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SNJ54ALS11AW TI1-SNJ54ALS11AW Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Similar Description - SNJ54ALS11AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com