Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRC0603PTC25 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # PRC0603PTC25
Description  PRECISION SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

PRC0603PTC25 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  PRC0603PTC25 Datasheet HTML 1Page - Willow Technologies Ltd PRC0603PTC25 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRC-SERIES
PRODUCT BULLETIN
Specifications
DEDICATION TO EXCELLENCE
LW
H
P
0.126 ±0.006
0.024 ±0.002
0.390 ±0.002
(3.20±0.15)
(0.60±0.05)
(1.00±0.05)
0.098 ±0.006
0.012 ±0.002
0.020 ±0.002
(2.50±0.15)
(0.30±0.05)
(0.50±0.05)
0.022 ±0.006
0.009 ±0.001
0.014 ±0.002
0.020 ±0.010
0.005 ±0.002
0.008 ±0.004
(0.56±0.15)
(0.23±0.03)
(0.35±0.05)
(0.50±0.25)
(0.12±0.05)
(0.20±0.10)
INCHES
MILLIMETERS
L
W
H
P
Protective Coating
Termination (Outer)
Termination (Barrier)
Termination (Inner)
Resistive Element
Alumina Substrate
0.126 ±0.006
(3.20±0.15)
0.063 ±0.006
(1.60±0.15)
0.024 ±0.006 0.020 ±0.010
(0.60±0.15)
(0.50±0.25)
0.079 ±0.006
(2.00±0.15)
0.049 ±0.006
(1.25±0.15)
0.020 ±0.006 0.016 ±0.010
(0.50±0.15)
(0.40±0.25)
REV C 9/19/01
Data subject to change without notice
Continued on reverse side
TC10
56.2R
Resistance Value
Case Size
Type
PRC
Sample Part
Temperature Coefficient
How to Order
±0.05%
0805
Resistance Tolerance
PRC 0603
PRC 0805
PRC 1206
PRC 1210
0.063 ±0.004
(1.60±0.10)
0.031 ±0.004
(0.08±0.10)
0.020 ±0.004 0.008 ±0.004
(0.50±0.10)
(0.20±0.10)
PRC 0201
PRECISION SURFACE MOUNT
Operating Temperature Range is -55°C to +125°C
TYPE
PRC 0402
STANDARD INDUSTRY CASE SIZES
0201 0402 0603 0805 1206 1210 2010
POWER RATINGS 1/20W, 1/16W, 1/10W
1/8W, 1/4W & 1/2W
TEMPERATURE COEFFICIENTS
RESISTANCE TOLERANCES
RATED
PWR
MAX
CWV
1/20W
1/16W
1/16W
1/10W
1/8W
1/4W
15V
25V
75V
100V
150V
200V
THIN FILM
TO 2PPM/°C
TO 0.05%
CUSTOM VALUES TO 3 DECIMAL PLACES
PACKAGING IS TAPE & REEL
1,000; 5,000; 10,000 pcs.
Temperature Coefficients
TC10
TC5
TC50
=
±50 PPM/°C
TC25
=
±25 PPM/°C
=
±10 PPM/°C
=
±5
PPM/°C
TC2
=
±2
PPM/°C *
* -20°C to +85°C
Resistance Ranges
Refer to Capability Sheet for available ranges
Contact factory for custom values
Resistance Tolerances
0.05%
0.1%
0.5%
1.0%
0.200 ±0.006
(5.00±0.15)
0.100 ±0.006
(2.50±0.15)
0.022 ±0.006 0.024 ±0.010
(0.56±0.15)
(0.60±0.25)
PRC 2010 1/2W
200V
WILLOW TECHNOLOGIES LTD.
SHAWLANDS COURT, NEWCHAPEL ROAD
LINGFIELD, SURREY, RH7 6BL, ENGLAND
Tel. + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306
E-mail rob@willow.co.uk
Website http://www.willow.co.uk


Similar Part No. - PRC0603PTC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRC05 ETC2-PRC05 Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-J5F ETC2-PRC05-J5F Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-J5M ETC2-PRC05-J5M Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-JB5F ETC2-PRC05-JB5F Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-JB5M ETC2-PRC05-JB5M Datasheet
616Kb / 2P
   Miniature Circular Connectors
More results

Similar Description - PRC0603PTC25

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PCF WELWYN-PCF Datasheet
1Mb / 4P
   PRECISION SURFACE MOUNT RESISTORS
logo
Diodes Incorporated
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1B DIODES-UDZ5V1B_08 Datasheet
135Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
DDZX5V1BQ DIODES-DDZX5V1BQ Datasheet
348Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZX5V1B DIODES-DDZX5V1B_17 Datasheet
321Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_1 Datasheet
177Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 7 - 2
DDZX5V1B DIODES-DDZX5V1B Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZ5V1BS DIODES-DDZ5V1BS_15 Datasheet
217Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
UDZ3V6B DIODES-UDZ3V6B_15 Datasheet
206Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com