Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UXB02070F9BR100 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # UXB02070F9BR100
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXB02070F9BR100 Datasheet(HTML) 7 Page - Vishay Siliconix

  UXB02070F9BR100 Datasheet HTML 1Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 2Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 3Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 4Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 5Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 6Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 7Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 8Page - Vishay Siliconix UXB02070F9BR100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: ff3cresistors@vishay.com
Document Number: 28726
90
Revision: 21-Aug-07
UXA 0204, UXB 0207, UXE 0414
Vishay Beyschlag
High Precision Leaded Resistors
4.25.3
-
endurance at
upper
category
temperature
125
°C; 1000 h
± (0.04 %
R +0.01
Ω) ± (0.06 % R + 0.01 Ω) ± (0.08 % R + 0.01 Ω)
4.24
3 (Ca)
damp heat,
steady state
(40 ± 2)
°C; 56 days;
(93 ± 3) % RH
± (0.04 %
R + 0.01
Ω) ± (0.05 % R + 0.01 Ω) ± (0.06 % R + 0.01 Ω)
4.23
climatic
sequence:
4.23.2
2 (Ba)
dry heat
125 °C; 16 h
4.23.3
30 (Db)
damp heat,
cyclic
55 °C; 24 h;
90 % to 100 % RH;
1 cycle
4.23.4
1 (Aa)
cold
- 55 °C; 2 h
4.23.5
13 (M)
low air
pressure
8.5kPa; 2h;
15 °C to 35 °C
4.23.6
30 (Db)
damp heat,
cyclic
55 °C; 5 days;
95 % to 100 % RH;
5 cycles
± (0.04 %
R + 0.01
Ω)
no visible damage
± (0.05 %
R + 0.01
Ω)
no visible damage
± (0.06 %
R + 0.01
Ω)
no visible damage
4.13
-
short time
overload
room temperature;
U = 2.5 x
or
U = 2 x Umax; 5 s
± (0.01 %
R + 0.01
Ω)
no visible damage
± (0.01 %
R + 0.01
Ω)
no visible damage
± (0.02 %
R + 0.01
Ω)
no visible damage
4.19
14 (Na)
rapid change
of temperature
30 minutes at LCT and
30 minutes at UCT;
5cycles
± (0.01 %
R + 0.01
Ω)
no visible damage
± (0.01 %
R + 0.01
Ω)
no visible damage
± (0.02 %
R + 0.01
Ω)
no visible damage
4.29
45 (XA)
component
solvent
resistance
isopropyl alcohol
+ 23 °C; toothbrush
method
marking legible;
no visible damage
4.18.2
20 (Tb)
resistance to
soldering heat
unmounted
components;
(260 ± 5) °C;
(10 ± 1) s
± (0.01 %
R + 0.01
Ω)
no visible damage
± (0.01 %
R + 0.01
Ω)
no visible damage
± (0.02 %
R + 0.01
Ω)
no visible damage
4.17
20 (Ta)
solderability
+ 235 °C; 2 s solder
bath method
good tinning (Š 95 % coverage, no visible damage)
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product
types:
UXA 0204
100
Ω to 100 kΩ
22
Ω to < 100 Ω;
> 100 k
Ω to 221 kΩ
-
UXB 0207
100
Ω to 250 kΩ
40.2
Ω to < 100 Ω;
> 250 k
Ω to 301 kΩ
10
Ω to < 40.2 Ω;
> 301 k
Ω to 1 MΩ
UXE 0414
100
Ω to 100 kΩ
22
Ω to < 100 Ω;
> 100 k
Ω to 511 kΩ
-
P
70 x R


Similar Part No. - UXB02070F9BR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UXB2-7 ETC2-UXB2-7 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - UXB02070F9BR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com