Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157CV30LL-70BAE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62157CV30LL-70BAE
Description  512K x 16 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157CV30LL-70BAE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62157CV30LL-70BAE Datasheet HTML 1Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 2Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 3Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 4Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 5Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 6Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 7Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 8Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY62157CV30/33
Document #: 38-05014 Rev. *F
Page 3 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ...–0.5V to Vccmax + 0.5V
DC Voltage Applied to Outputs
in High-Z State[5] ....................................–0.5V to VCC + 0.3V
DC Input Voltage[5].................................–0.5V to VCC + 0.3V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current ................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
[TA]
[6]
VCC
CY62157CV30 Automotive-E –40°C to +125°C 2.7V – 3.3V
CY62157CV33 Automotive-A –40°C to +85°C 3.0V – 3.6V
Automotive-E –40°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62157CV30-70
Unit
Min.
Typ.[2]
Max.
VOH
Output HIGH Voltage IOH = –1.0 mA
VCC = 2.7V
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
VCC = 2.7V
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–10
+10
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–10
+10
µA
ICC
VCC Operating
Supply
Current
f = fMAX = 1/tRC
VCC = 3.3V
IOUT = 0 mA
CMOS Levels
715
mA
f = 1 MHz
1.5
3
ISB1
Automatic CE
Power-Down
Current— CMOS
Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = fmax (Address and Data Only),
f=0 (OE, WE, BHE and BLE)
870
µA
ISB2
Automatic CE
Power-Down
Current—CMOS
Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = 3.3V
870
µA
Notes:
5. VIL(min.) = –2.0V for pulse durations less than 20 ns.
6. TA is the “Instant-On” case temperature.
[+] Feedback
[+] Feedback


Similar Part No. - CY62157CV30LL-70BAE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV30LL-70BAI CYPRESS-CY62157CV30LL-70BAI Datasheet
277Kb / 13P
   512K x 16 Static RAM
More results

Similar Description - CY62157CV30LL-70BAE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com