Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7140LA100PFGB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7140LA100PFGB
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140LA100PFGB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7140LA100PFGB Datasheet HTML 7Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 8Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 9Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 10Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 11Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 12Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 13Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 14Page - Integrated Device Technology IDT7140LA100PFGB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Timing Waveform of Write Cycle No. 2, (CE Controlled Timing)(1,5)
NOTES:
1. R/
W or CE must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of
CE = VIL and R/W = VIL.
3. tWR is measured from the earlier of
CE or R/W going HIGH to the end of the write cycle.
4. During this period, the l/O pins are in the output state and input signals must not be applied.
5. If the
CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the HIGH impedance state.
6. Timing depends on which enable signal (
CE or R/W) is asserted last.
7. This parameter is determined be device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load
(Figure 2).
8. If
OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the
bus for the required tDW. If
OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP.
Timing Waveform of Write Cycle No. 1, (R/W Controlled Timing)(1,5,8)
tWC
ADDRESS
OE
CE
R/
W
DATA OUT
DATA IN
tAS
(6)
tOW
tDW
tDH
tAW
tWP
(2)
tHZ
(7)
(4)
(4)
tWZ
(7)
tHZ
(7)
2689 drw 10
tWR
(3)
tWC
ADDRESS
CE
R/
W
DATA IN
tAS
(6)
tEW
(2)
tWR
(3)
tDW
tDH
tAW
2689 drw 11


Similar Part No. - IDT7140LA100PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140LA100PF IDT-IDT7140LA100PF Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT7140LA100PFB IDT-IDT7140LA100PFB Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7140LA100PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com