Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62158EV30LL-45ZSXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62158EV30LL-45ZSXI
Description  8-Mbit (1024K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158EV30LL-45ZSXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62158EV30LL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY62158EV30LL-45ZSXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CY62158EV30 MoBL®
Document #: 38-05578 Rev. *D
Page 11 of 11
Document History Page
Document Title: CY62158EV30 MoBL®, 8-Mbit (1024K x 8) Static RAM
Document Number: 38-05578
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
270329
See ECN
PCI
New Data Sheet
*A
291271
See ECN
SYT
Converted from Advance Information to Preliminary
Changed ICCDR from 4 to 4.5 µA
*B
444306
See ECN
NXR
Converted from Preliminary to Final.
Removed 35 ns speed bin
Removed “L” bin.
Removed 44 pin TSOP II package
Included 48 pin TSOP I package
Changed the ICC Typ value from 16 mA to 18 mA and ICC max value from 28
mA to 25 mA for test condition f = fax = 1/tRC.
Changed the ICC max value from 2.3 mA to 3 mA for test condition f = 1MHz.
Changed the ISB1 and ISB2 max value from 4.5 µA to 8 µA and Typ value from
0.9
µA to 2 µA respectively.
Updated Thermal Resistance table
Changed Test Load Capacitance from 50 pF to 30 pF.
Added Typ value for ICCDR .
Changed the ICCDR max value from 4.5 µA to 5 µA
Corrected tR in Data Retention Characteristics from 100 µs to tRC ns
Changed tLZOE from 3 to 5
Changed tLZCE from 6 to 10
Changed tHZCE from 22 to 18
Changed tPWE from 30 to 35
Changed tSD from 22 to 25
Changed tLZWE from 6 to 10
Updated the ordering Information and replaced the Package Name column with
Package Diagram.
*C
467052
See ECN
NXR
Included 44 pin TSOP II package in Product Offering.
Removed TSOP I package; Added reference to CY62157EV30 TSOP I
Updated the ordering Information table
*D
1015643
See ECN
VKN
Added footnote #8 related to ISB2 and ICCDR
[+] Feedback
[+] Feedback


Similar Part No. - CY62158EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158EV30LL-45ZSXI CYPRESS-CY62158EV30LL-45ZSXI Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45ZSXI CYPRESS-CY62158EV30LL-45ZSXI Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62158EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33 Datasheet
470Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_07 Datasheet
315Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY62158E CYPRESS-CY62158E_09 Datasheet
330Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_09 Datasheet
810Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY62158E CYPRESS-CY62158E_13 Datasheet
895Kb / 16P
   8-Mbit (1 M x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com